Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM75MM8X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM75MM8X
Description  Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM75MM8X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM75MM8X Datasheet HTML 1Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 2Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 3Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 4Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 5Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 6Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 7Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 8Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PRODUCT SPECIFICATION
FM75
REV. 1.0.5 10/2/03
5
Basic Operation
The FM75 temperature sensing circuitry continuously
produces an analog voltage that is proportional to the device
temperature. At regular intervals the FM75 converts the
analog voltage to a two’s complement digital value, which is
placed into the temperature register.
The FM75 has an SMBus compatible digital serial interface
which allows the user to access the data in the temperature
register at any time. In addition, the serial interface gives the
user easy access to all other FM75 registers to customize
operation of the device.
The FM75 temperature-to-digital conversion can have 9,
10, 11, or 12-bit resolution as selected by the user, providing
0.5°C, 0.25°C, 0.125°C, and 0.0625°C temperature
resolution, respectively. At power-up the default conversion
resolution is 9-bits. The conversion resolution is controlled
by the R0 and R1 bits in the Configuration Register.
Table 1 gives examples of the relationship between the
output digital data and the external temperature. The 9-bit,
10-bit, 11-bit and 12-bit columns in Table 1 indicate the
right-most bit in the output data stream that can contain
temperature information for each conversion accuracy.
Since the output digital data is in two’s-complement format,
the most significant bit of the temperature is the “sign” bit.
If the sign bit is a zero, the temperature is positive and if the
sign bit is a one, the temperature is negative.
The FM75 has a Shutdown Mode that reduces the operating
current of the FM75 to 150nA. This mode is controlled by
the SD bit in the configuration register.
Power Up Default Conditions
The FM75 always powers up in the following default state:
• Thermostat mode: Comparator Mode
• O.S. polarity: active low
•Fault tolerance: 1 fault (i.e., F0 = 0 and F1 = 0 in the
Configuration Register)
•TOS = 80°C
•THYST = 75°C
•Register pointer: 00 (Temperature Register)
• Conversion resolution: 9 bits (i.e., R0 = 0 and R1 = 0 in
the Configuration Register)
After power up these conditions can be reprogrammed via
the serial interface. Refer to the Serial Data Bus Operation
section for FM75 programming instructions.
Thermal Alarm Function
The FM75 thermal alarm function provides user program-
mable thermostat capability and allows the FM75 to function
as a stand alone thermostat without using the serial interface.
The Over-Limit Signal (O.S.) output is the alarm output. This
signal is an open drain output, and at power-up this pin is
configured with active-low polarity.
Table 1. Relationship Between Temperature and
Digital Output
The O.S. polarity is controlled by the POL bit in the
Configuration Register. The user-programmable upper
trip-point temperature for the thermal alarm is stored in
the TOS Register, and the user-programmable hysteresis tem-
perature (i.e., the lower trip point) is stored in the THYST
Register.
The thermal alarm has two modes of operation: Comparator
Mode and Interrupt Mode. At power-up the default is
Comparator Mode. The alarm mode is controlled by the
CMP/INTR bit in the Configuration Register.
Fault Tolerance
For both Comparator and Interrupt modes, the alarm “fault
tolerance” setting plays a role in determining when the O.S.
output will be activated. Fault tolerance refers to the number
of consecutive times an error condition must be detected
before the user is notified. Higher fault tolerance settings can
help eliminate false alarms caused by noise in the system.
The alarm fault tolerance is controlled by bits F0 and F1 in
the Configuration Register. These bits can be used to set
the fault tolerance to 1, 2, 4 or 6 as shown in Table 4. At
power-up, these bits both default to 0 (fault tolerance = 1).
Temperature
Digital Output
g
i
S
f
o
r
e
b
m
u
N
d
e
s
u
s
t
i
b
y
b
n
o
i
s
r
e
v
n
o
c
n
o
i
t
u
l
o
s
e
r
t
i
b
9
t
i
b
0
1
t
i
b
1
1
t
i
b
2
1
s
y
a
w
l
A
o
r
e
z
ll
A
s
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
u
l
o
s
e
R
t
i
B
-
2
1
0
0
0
0
n
o
i
t
u
l
o
s
e
R
t
i
B
-
11
0
0
0
0
0
n
o
i
t
u
l
o
s
e
R
t
i
B
-
10
0
0
0
0
0
0
n
o
i
t
u
l
o
s
e
R
t
i
B
-
90
0
0
0
0
0
0
C
°
5
2
1
+
01
1
11
0
1
10
0
0
0
0
0
0
0
C
°
5
2
6
0
.
0
0
1
+
00
1
10
0
1
00
0
0
1
0
0
0
0
C
°
5
2
1
.
0
5
+
01
1
00
1
0
00
0
1
0
0
0
0
0
C
°
5
2
.
2
1
+
00
0
00
0
1
10
1
0
0
0
0
0
0
C
°
0
00
0
00
0
0
00
0
0
0
0
0
0
0
C
°
5
.
0
2
-
10
1
11
1
0
11
0
0
0
0
0
0
0
C
°
5
2
.
3
3
-
11
0
10
1
1
11
1
0
0
0
0
0
0
C
°
5
2
6
0
.
5
4
-
11
0
10
1
0
01
1
1
1
0
0
0
0
C
°
5
5
-
10
0
11
0
0
10
0
0
0
0
0
0
0


Similar Part No. - FM75MM8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM75M8X FAIRCHILD-FM75M8X Datasheet
359Kb / 16P
   Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
More results

Similar Description - FM75MM8X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75_06 Datasheet
359Kb / 16P
   Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Seiko Instruments Inc
S5851A SII-S5851A Datasheet
569Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com