Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM803LS3X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FM803LS3X
Description  3-Pin 關C Supervisor Device
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM803LS3X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM803LS3X Datasheet HTML 1Page - Fairchild Semiconductor FM803LS3X Datasheet HTML 2Page - Fairchild Semiconductor FM803LS3X Datasheet HTML 3Page - Fairchild Semiconductor FM803LS3X Datasheet HTML 4Page - Fairchild Semiconductor FM803LS3X Datasheet HTML 5Page - Fairchild Semiconductor FM803LS3X Datasheet HTML 6Page - Fairchild Semiconductor FM803LS3X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
www.fairchildsemi.com
FM803 Rev. C.3
Absolute Maximum Ratings
Voltage on any terminal relative to GND
VCC
-0.3V to +6.0V
/RESET
-0.3V to (V
CC + 0.3V)
Input Current
20mA
Output Current: /RESET
20mA
Rate of Rise of V
CC
100V/
µs
Continuous Power Dissipation (T
A = +70°C)
SC70-3
174mW
Operating Temperature Range
-40
°C to +85°C
Storage Temperature Range
-65
°C to +150°C
Lead Temperature (soldering, 10s)
+300
°C
These are stress ratings only, and functional operation is not implied for these levels or beyond. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Electrical Characteristics SC70 Package (T
A = 25°C unless otherwise noted)
VCC = full range, as noted under conditions. See Note 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
(Note 2)
Operating Voltage
V
CC
T
A = 0°C to +70°C
1.4
5.5
V
TA = -40°C to +85°C
1.6
5.5
Supply Current
I
CC
T
A = -40°C to +85°C, VCC < 5.5V
9
15
µA
FM803J/L/M
TA = -40°C to +85°C, VCC < 3.6V
6
10
FM803R/S/T
Reset Threshold
V
TH
FM803L
T
A = -40°C to +85°C
4.40
4.63
4.86
V
FM803M
T
A = -40°C to +85°C
4.18
4.38
4.52
FM803J
TA = -40°C to +85°C
3.90
4.00
4.18
FM803T
T
A = -40°C to +85°C
2.97
3.08
3.19
FM803S
T
A = -40°C to +85°C
2.79
2.93
3.00
FM803R
T
A = -40°C to +85°C
2.49
2.63
2.70
Reset Threshold Tempco
30
ppm/
°C
V
CC to Reset Delay (Note 2)
V
CC = VTH to (VTH - 100mV)
10
µs
Reset Active Timout Period
T
A = -40°C to +85°C
140
256
560
ms
FM803 Output Low
V
OL
V
CC = VTH(min), ISINK = 1.2mA,
0.35
V
FM803R/S/T
V
CC = VTH(min), ISINK = 3.2mA,
0.4
FM803J/L/M
VCC = < 1.0V, ISINK = 50µA
0.3
Open-Drain Output Leakage
V
CC > VTH(max), /RESET = 1
7
µA
Current
Note 1: Testing in production is 25
°C only. V
CC = 5V for FM803L/M/J, VCC = 3.3V for FM803T/S and VCC = 3V for FM803R. Limits over temperature are guaranteed by design.
Note 2
Typical values are at 25
°C.


Similar Part No. - FM803LS3X

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM803P RECTRON-FM803P Datasheet
300Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - FM803LS3X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233A FAIRCHILD-FM1233A Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com