Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM27C040VE120 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FM27C040VE120
Description  4,194,304-Bit 512K x 8 High Performance CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C040VE120 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM27C040VE120 Datasheet HTML 1Page - Fairchild Semiconductor FM27C040VE120 Datasheet HTML 2Page - Fairchild Semiconductor FM27C040VE120 Datasheet HTML 3Page - Fairchild Semiconductor FM27C040VE120 Datasheet HTML 4Page - Fairchild Semiconductor FM27C040VE120 Datasheet HTML 5Page - Fairchild Semiconductor FM27C040VE120 Datasheet HTML 6Page - Fairchild Semiconductor FM27C040VE120 Datasheet HTML 7Page - Fairchild Semiconductor FM27C040VE120 Datasheet HTML 8Page - Fairchild Semiconductor FM27C040VE120 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
FM27C040 Rev. A
Absolute Maximum Ratings (Note 1)
Storage Temperature
-65
°C to +150°C
All Input Voltages except A9 with
Respect to Ground
-0.6V to +7V
V
PP and A9 with Respect to Ground
-0.6V to +14V
VCC Supply Voltage with
Respect to Ground
-0.6V to +7V
ESD Protection
>2000V
All Output Voltages with
Respect to Ground
VCC +1.0V to GND - 0.6V
Operating Range
Range
Temperature
V
CC
Tolerance
Commercial
0
°C to +70°C
+5V
±10%
Industrial
-40
°C to +85°C
+5V
±10%
Read Operation
DC Electrical Characteristics Over operating range with V
PP = VCC
Symbol
Parameter
Test Conditions
Min
Max
Units
V
IL
Input Low Level
-0.5
0.8
V
V
IH
Input High Level
2.0
V
CC +1
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -2.5 mA
3.5
V
I
SB1
V
CC Standby Current (CMOS)
CE = V
CC ± 0.3V
100
µA
I
SB2
V
CC Standby Current
CE = V
IH
1mA
I
CC
V
CC Active Current
CE = OE = V
IL,
f=5 MHz
30
mA
I/O = 0 mA
I
PP
V
PP Supply Current
V
PP = VCC
10
µA
VPP
VPP Read Voltage
VCC - 0.4
VCC
V
I
LI
Input Load Current
V
IN = 5.5V or GND
-1
1
µA
ILO
Output Leakage Current
VOUT = 5.5V or GND
-10
10
µA
AC Electrical Characteristics Over operating range with V
PP = VCC
Symbol
Parameter
120
150
Units
Min
Max
Min
Max
t
ACC
Address to Output Delay
120
150
t
CE
CE to Output Delay
120
150
t
OE
OE to Output Delay
50
50
t
DF
Output Disable to
45
55
ns
(Note 2)
Output Float
tOH
Output Hold from Addresses CE or OE ,
0
0
(Note 2)
Whichever Occurred First
Capacitance T
A = +25°C, f = 1 MHz (Note 2)
Symbol
Parameter
Conditions
Typ
Max
Units
C
IN
Input Capacitance
V
IN = 0V
9
15
pF
COUT
Output Capacitance
VOUT = 0V
12
15
pF


Similar Part No. - FM27C040VE120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N120 FAIRCHILD-FM27C010N120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N150 FAIRCHILD-FM27C010N150 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N90 FAIRCHILD-FM27C010N90 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010NE120 FAIRCHILD-FM27C010NE120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results

Similar Description - FM27C040VE120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C040 FAIRCHILD-NM27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
   4,194,304-Bit (256k x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com