Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLF2518T1R0M Datasheet(PDF) 7 Page - TDK Electronics

Part # GLF2518T1R0M
Description  GLF,GLC Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

GLF2518T1R0M Datasheet(HTML) 7 Page - TDK Electronics

Back Button GLF2518T1R0M Datasheet HTML 3Page - TDK Electronics GLF2518T1R0M Datasheet HTML 4Page - TDK Electronics GLF2518T1R0M Datasheet HTML 5Page - TDK Electronics GLF2518T1R0M Datasheet HTML 6Page - TDK Electronics GLF2518T1R0M Datasheet HTML 7Page - TDK Electronics GLF2518T1R0M Datasheet HTML 8Page - TDK Electronics GLF2518T1R0M Datasheet HTML 9Page - TDK Electronics GLF2518T1R0M Datasheet HTML 10Page - TDK Electronics GLF2518T1R0M Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TDK Electronics Europe GmbH - September 2004
Copyright 2004 by TDK Electronics Europe GmbH. All rights reserved.
Inductance
Rdc[ohm]
Idc[mA]
&
L:10%Down
L:20%Down temp. has to 20Deg.C
Tolerance
Max.
Max.
Max.
GLF201208T1R0M
1.0µH±20%
0.19±20%
340
460
650
GLF201208T2R2M
2.2µH±20%
0.56±20%
220
300
350
GLF201208T4R7M
4.7µH±20%
0.74±20%
160
230
300
GLF201208T100M
10µH±20%
1.10±20%
130
170
250
GLF201208T220M
22µH±20%
3.50±20%
80
110
150
GLF201208T470M
47µH±20%
5.30±20%
60
90
120
ITEM
Electrical Characteristics [GLF201208Type]
[GLF201208Type]


Similar Part No. - GLF2518T1R0M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GLF201208 TDK-GLF201208 Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLF201208T100M TDK-GLF201208T100M Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLF201208T1R0M TDK-GLF201208T1R0M Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLF201208T220M TDK-GLF201208T220M Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLF201208T2R2M TDK-GLF201208T2R2M Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results

Similar Description - GLF2518T1R0M

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
GLC-LH-SM-C ATGBICS-GLC-LH-SM-C Datasheet
312Kb / 9P
   GLC-LH-SM Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
GLC-FE-100FX-C ATGBICS-GLC-FE-100FX-C Datasheet
319Kb / 10P
   GLC-FE-100FX Cisco Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
GLC-LH-SMD-C ATGBICS-GLC-LH-SMD-C Datasheet
312Kb / 9P
   GLC-LH-SMD Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km, DOM)
GLC-GE-DR-LX-C ATGBICS-GLC-GE-DR-LX-C Datasheet
322Kb / 9P
   GLC-GE-DR-LX Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
GLC-SX-MM-C ATGBICS-GLC-SX-MM-C Datasheet
282Kb / 8P
   GLC-SX-MM Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
GLC-FE-100LX-C ATGBICS-GLC-FE-100LX-C Datasheet
295Kb / 8P
   GLC-FE-100LX Cisco Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
GLC-SX-MMD-C ATGBICS-GLC-SX-MMD-C Datasheet
283Kb / 8P
   GLC-SX-MMD Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m, DOM)
GLC-FE-100FX-RGD-C ATGBICS-GLC-FE-100FX-RGD-C Datasheet
340Kb / 10P
   GLC-FE-100FX-RGD Cisco Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM, Ind Temp)
GLC-T-C ATGBICS-GLC-T-C Datasheet
185Kb / 7P
   GLC-T Cisco Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
GLC-ZX-SMD-C ATGBICS-GLC-ZX-SMD-C Datasheet
287Kb / 8P
   GLC-ZX-SMD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com