Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM811LUX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FM811LUX
Description  Microprocessor Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM811LUX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FM811LUX Datasheet HTML 1Page - Fairchild Semiconductor FM811LUX Datasheet HTML 2Page - Fairchild Semiconductor FM811LUX Datasheet HTML 3Page - Fairchild Semiconductor FM811LUX Datasheet HTML 4Page - Fairchild Semiconductor FM811LUX Datasheet HTML 5Page - Fairchild Semiconductor FM811LUX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FM811/812
2
REV. 1.5.1 7/15/02
Pin Assignments
Pin Definitions
Internal Block Diagram
Pin Name
Pin Number
Description
FM811
FM812
GND
1
1
Ground Pin
RESET
2
N/A
RESET goes low if VCC falls below the reset threshold and remains
asserted for one reset time-out period (140ms min.) after VCC exceeds the
reset threshold.
RESET
N/A
2
RESET goes high if VCC falls below the reset threshold and remains
asserted for one reset time-out period (140ms min.) after VCC exceeds the
reset threshold.
MR
3
3
Manual reset input. Shorting this pin to GND forces a reset. The reset will
remain asserted as long as MR is held low and for one reset time-out
period (140ms min.) after MR goes high. This input cannot be driven by a
CMOS or TTL logic. Push-button switch is recommended to be used with
this pin. Float if unused.
VCC
4
4
Power supply input, 3V, 3.3V, or 5V
FM811
VCC
Top View
RESET
MR
2
4
3
FM812
VCC
RESET
MR
GND
2
1
GND
1
4
3
4
3
Reset
Generator
2
1
+
Reset
Threshold (V)
VCC
MR
RESET (FM811)
RESET (FM812)
GND


Similar Part No. - FM811LUX

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM811 FUMAN-FM811 Datasheet
214Kb / 3P
   Meteor shower
More results

Similar Description - FM811LUX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com