Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM93C06E Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FM93C06E
Description  256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C06E Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FM93C06E Datasheet HTML 5Page - Fairchild Semiconductor FM93C06E Datasheet HTML 6Page - Fairchild Semiconductor FM93C06E Datasheet HTML 7Page - Fairchild Semiconductor FM93C06E Datasheet HTML 8Page - Fairchild Semiconductor FM93C06E Datasheet HTML 9Page - Fairchild Semiconductor FM93C06E Datasheet HTML 10Page - Fairchild Semiconductor FM93C06E Datasheet HTML 11Page - Fairchild Semiconductor FM93C06E Datasheet HTML 12Page - Fairchild Semiconductor FM93C06E Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.fairchildsemi.com
FM93C06 Rev. C.1
Molded Package, Small Outline, 0.15 Wide, 8-Lead (M8)
Package Number M08A
Physical Dimensions inches (millimeters) unless otherwise noted
12
3 4
87
6 5
0.189 - 0.197
(4.800 - 5.004)
0.228 - 0.244
(5.791 - 6.198)
Lead #1
IDENT
Seating
Plane
0.004 - 0.010
(0.102 - 0.254)
0.014 - 0.020
(0.356 - 0.508)
0.014
(0.356)
Typ.
0.053 - 0.069
(1.346 - 1.753)
0.050
(1.270)
Typ
0.016 - 0.050
(0.406 - 1.270)
Typ. All Leads
8¡ Max, Typ.
All leads
0.150 - 0.157
(3.810 - 3.988)
0.0075 - 0.0098
(0.190 - 0.249)
Typ. All Leads
0.004
(0.102)
All lead tips
0.010 - 0.020
(0.254 - 0.508)
x 45¡


Similar Part No. - FM93C06E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
FM93C46A FAIRCHILD-FM93C46A Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46AE FAIRCHILD-FM93C46AE Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46AV FAIRCHILD-FM93C46AV Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Similar Description - FM93C06E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C06 FAIRCHILD-NM93C06 Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com