Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLC2518T220K Datasheet(PDF) 3 Page - TDK Electronics

Part # GLC2518T220K
Description  GLF,GLC Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

GLC2518T220K Datasheet(HTML) 3 Page - TDK Electronics

  GLC2518T220K Datasheet HTML 1Page - TDK Electronics GLC2518T220K Datasheet HTML 2Page - TDK Electronics GLC2518T220K Datasheet HTML 3Page - TDK Electronics GLC2518T220K Datasheet HTML 4Page - TDK Electronics GLC2518T220K Datasheet HTML 5Page - TDK Electronics GLC2518T220K Datasheet HTML 6Page - TDK Electronics GLC2518T220K Datasheet HTML 7Page - TDK Electronics GLC2518T220K Datasheet HTML 8Page - TDK Electronics GLC2518T220K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TDK Electronics Europe GmbH - September 2004
Copyright 2004 by TDK Electronics Europe GmbH. All rights reserved.
‚ a‚P
‚ k
‚ v
‚ a‚Q
LW
H
B1
B2
Weight
[mm]
[mm]
[mm]
[mm]
[mm]
[mg]
±0.10
±0.10
±0.10
±0.15
±0.15
GLF1608Type
1.60
0.80
0.80
0.40
0.40
5mg
GLF2012Type
2.00
1.25
1.25
0.50
0.50
15mg
GLF2518Type
2.50
1.80
1.80
0.60
0.60
35mg
GLF201208Type
2.00
1.25
0.80
0.45
0.45
10mg
GLF251812Type
2.50
1.80
1.25
0.50
0.50
25mg
GLC2518Type
2.50
1.80
1.80
0.60
0.60
35mg
Shapes and Dimensions


Similar Part No. - GLC2518T220K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLC22010 ETC2-GLC22010 Datasheet
135Kb / 12P
   SURFCOIL SMT INDUCTORS
GLC22110 ETC2-GLC22110 Datasheet
135Kb / 12P
   SURFCOIL SMT INDUCTORS
GLC27010 ETC2-GLC27010 Datasheet
135Kb / 12P
   SURFCOIL SMT INDUCTORS
GLC27110 ETC2-GLC27110 Datasheet
135Kb / 12P
   SURFCOIL SMT INDUCTORS
More results

Similar Description - GLC2518T220K

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
GLC-LH-SM-C ATGBICS-GLC-LH-SM-C Datasheet
312Kb / 9P
   GLC-LH-SM Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
GLC-FE-100FX-C ATGBICS-GLC-FE-100FX-C Datasheet
319Kb / 10P
   GLC-FE-100FX Cisco Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
GLC-LH-SMD-C ATGBICS-GLC-LH-SMD-C Datasheet
312Kb / 9P
   GLC-LH-SMD Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km, DOM)
GLC-GE-DR-LX-C ATGBICS-GLC-GE-DR-LX-C Datasheet
322Kb / 9P
   GLC-GE-DR-LX Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
GLC-SX-MM-C ATGBICS-GLC-SX-MM-C Datasheet
282Kb / 8P
   GLC-SX-MM Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
GLC-FE-100LX-C ATGBICS-GLC-FE-100LX-C Datasheet
295Kb / 8P
   GLC-FE-100LX Cisco Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
GLC-SX-MMD-C ATGBICS-GLC-SX-MMD-C Datasheet
283Kb / 8P
   GLC-SX-MMD Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m, DOM)
GLC-FE-100FX-RGD-C ATGBICS-GLC-FE-100FX-RGD-C Datasheet
340Kb / 10P
   GLC-FE-100FX-RGD Cisco Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM, Ind Temp)
GLC-T-C ATGBICS-GLC-T-C Datasheet
185Kb / 7P
   GLC-T Cisco Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
GLC-ZX-SMD-C ATGBICS-GLC-ZX-SMD-C Datasheet
287Kb / 8P
   GLC-ZX-SMD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com