Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300074 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 300074
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300074 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 300074 Datasheet HTML 3Page - Vishay Siliconix 300074 Datasheet HTML 4Page - Vishay Siliconix 300074 Datasheet HTML 5Page - Vishay Siliconix 300074 Datasheet HTML 6Page - Vishay Siliconix 300074 Datasheet HTML 7Page - Vishay Siliconix 300074 Datasheet HTML 8Page - Vishay Siliconix 300074 Datasheet HTML 9Page - Vishay Siliconix 300074 Datasheet HTML 10Page - Vishay Siliconix 300074 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
M39006/22, M39006/25
www.vishay.com
Vishay
Revison: 28-Aug-12
8
Document Number: 40022
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
125 VDC AT + 85 °C; 85 VDC AT + 125 °C
1.7
T1
20
0201
0421
0641
1.0
2.0
2
1250
- 16
+ 7
+ 8
415
1.7
T1
10
0202
0422
0642
1.0
2.0
2
1250
- 16
+ 7
+ 8
415
1.7
T1
5
0203
0423
0643
1.0
2.0
2
1250
- 16
+ 7
+ 8
415
3.6
T1
20
0204
0424
0644
1.0
2.0
2.7
600
- 16
+ 7
+ 8
520
3.6
T1
10
0205
0425
0645
1.0
2.0
2.7
600
- 16
+ 7
+ 8
520
3.6
T1
5
0206
0426
0646
1.0
2.0
2.7
600
- 16
+ 7
+ 8
520
9.0
T2
20
0207
0427
0647
1.0
5.0
5
240
- 16
+ 7
+ 8
755
9.0
T2
10
0208
0428
0648
1.0
5.0
5
240
- 16
+ 7
+ 8
755
9.0
T2
5
0209
0429
0649
1.0
5.0
5
240
- 16
+ 7
+ 8
755
14
T2
20
0210
0430
0650
1.0
7.0
6
167
- 16
+ 7
+ 8
860
14
T2
10
0211
0431
0651
1.0
7.0
6
167
- 16
+ 7
+ 8
860
14
T2
5
0212
0432
0652
1.0
7.0
6
167
- 16
+ 7
+ 8
860
18
T3
20
0213
0433
0653
2.0
9.0
5
129
- 16
+ 7
+ 8
1130
18
T3
10
0214
0434
0654
2.0
9.0
5
129
- 16
+ 7
+ 8
1130
18
T3
5
0215
0435
0655
2.0
9.0
5
129
- 16
+ 7
+ 8
1130
25
T3
20
0216
0436
0656
2.0
13.0
6
93
- 16
+ 7
+ 8
1200
25
T3
10
0217
0437
0657
2.0
13.0
6
93
- 16
+ 7
+ 8
1200
25
T3
5
0218
0438
0658
2.0
13.0
6
93
- 16
+ 7
+ 8
1200
56
T4
20
0219
0439
0659
10.0
40.0
6.5
32
- 25
+ 15
+ 15
1800
56
T4
10
0220
0440
0660
10.0
40.0
6.5
32
- 25
+ 15
+ 15
1800
STANDARD RATINGS/EXTENDED RATINGS: CLR81, M39006/25-XXXX
CAPACITANCE
(μF)
CASE
CODE
CAP.
TOL.
(± %)
PART NO. M39006/25- (1)
FAILURE RATE LEVEL
(%/1000 h)
MAX. DCL (μA)
AT
MAX.
DF
AT
+ 25 °C
(%)
MAX.
IMP.
AT
- 55 °C
(
)
MAX. CAPACITANCE
CHANGE (%) AT
MAX. (1)
RIPPLE
CURRENT
AT + 85 °C
40 kHz
(mA)
M
1.0
P
0.1
R
0.01
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C + 85 °C + 125 °C
6 VDC AT + 85 °C; 4 VDC AT + 125 °C
220
T1
20
0001
0089
0177
2.0
9.0
50
36
- 64
+ 13
+ 16
1000
220
T1
10
0002
0090
0178
2.0
9.0
50
36
- 64
+ 13
+ 16
1000
820
T2
20
0003
0091
0179
3.0
14.0
155
18
- 88
+ 16
+ 20
1500
820
T2
10
0004
0092
0180
3.0
14.0
155
18
- 88
+ 16
+ 20
1500
1500
T3
20
0005
0093
0181
5.0
20.0
172
18
- 90
+ 20
+ 25
1900
1500
T3
10
0006
0094
0182
5.0
20.0
172
18
- 90
+ 20
+ 25
1900
2200
T4
20
0007
0095
0183
6.0
24.0
170
13
- 90
+ 25
+ 30
2300
2200
T4
10
0008
0096
0184
6.0
24.0
170
13
- 90
+ 25
+ 30
2300
8 VDC AT + 85 °C; 5 VDC AT + 125 °C
180
T1
20
0009
0097
0185
2.0
9.0
41
45
- 60
+ 13
+ 16
1000
180
T1
10
0010
0098
0186
2.0
9.0
41
45
- 60
+ 13
+ 16
1000
680
T2
20
0011
0099
0187
3.0
14.0
130
22
- 83
+ 16
+ 20
1500
680
T2
10
0012
0100
0188
3.0
14.0
130
22
- 83
+ 16
+ 20
1500
1500
T3
20
0013
0101
0189
5.0
20.0
170
18
- 90
+ 20
+ 25
1900
1500
T3
10
0014
0102
0190
5.0
20.0
170
18
- 90
+ 20
+ 25
1900
1800
T4
20
0015
0103
0191
7.0
25.0
138
14
- 90
+ 25
+ 30
2300
1800
T4
10
0016
0104
0192
7.0
25.0
138
14
- 90
+ 25
+ 30
2300
Notes
(1) Dash number will include the letter “H” to indicate the optional vibration and shock requirements (i.e., 51 g random vibration, 80 g sinusoidal
vibration and 500 g shock).
(2) For ripple current limits at various temperatures, voltages and frequencies, see Ripple Current table.
STANDARD RATINGS/EXTENDED RATINGS: CLR79, M39006/22-XXXX
CAPACITANCE
(μF)
CASE
CODE
CAP.
TOL.
(± %)
PART NO. M39006/22- (1)
FAILURE RATE LEVEL
(%/1000 h)
MAX. DCL (μA)
AT
MAX.
DF
AT
+ 25 °C
(%)
MAX.
IMP.
AT
- 55 °C
(
)
MAX. CAPACITANCE
CHANGE (%) AT
MAX. (2)
RIPPLE
CURRENT
AT + 85 °C
40 kHz
(mA)
M
1.0
P
0.1
R
0.01
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C + 85 °C + 125 °C
Notes
(1) Dash number will include the letter “H” to indicate the optional vibration and shock requirements (i.e., 51 g random vibration, 80 g sinusoidal
vibration and 500 g shock).
(2) For ripple current limits at various temperatures, voltages and frequencies, see Ripple Current table.


Similar Part No. - 300074

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
30007-02 GAMEWELL-FCI-30007-02 Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
logo
PHOENIX CONTACT
3000700 PHOENIX-3000700 Datasheet
184Kb / 14P
   COMBI receptacle - PPC 6/8
3000702 PHOENIX-3000702 Datasheet
185Kb / 14P
   COMBI receptacle - PPC 6/10
3000707 PHOENIX-3000707 Datasheet
44Kb / 2P
   Plug-in bridge - FBS 50-3,5 GY
3000715 PHOENIX-3000715 Datasheet
70Kb / 5P
   Double-level terminal block - PTTB 2,5-PV BU
More results

Similar Description - 300074

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M39006 VISHAY-M39006 Datasheet
209Kb / 21P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
Revision 13-Oct-03
logo
AVX Corporation
M39006 AVX-M39006 Datasheet
161Kb / 10P
   MIL-PRF-39006 Series Military Conventional Wet Tantalum
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
M3900633 VISHAY-M3900633 Datasheet
90Kb / 7P
   Wet Tantalum Capacitors, Extended Capacitance, Military Established Reliability
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com