Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM811SUX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FM811SUX
Description  Microprocessor Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM811SUX Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FM811SUX Datasheet HTML 1Page - Fairchild Semiconductor FM811SUX Datasheet HTML 2Page - Fairchild Semiconductor FM811SUX Datasheet HTML 3Page - Fairchild Semiconductor FM811SUX Datasheet HTML 4Page - Fairchild Semiconductor FM811SUX Datasheet HTML 5Page - Fairchild Semiconductor FM811SUX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FM811/812
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and (c) whose failure to perform
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to
result in a significant injury of the user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
7/15/02 0.0m 004
Stock#DS30000811
 2002 Fairchild Semiconductor Corporation
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
* YY = Lot Code
Part
Number
Top
Marking*
RESET
Threshold (V)
Output Type
Package
Packing
Method
FM811LUX
KLYY
4.63
Push-Pull, active LOW
4-Pin, SOT143
3000 units in T&R
FM811MUX
KMYY
4.38
Push-Pull, active LOW
4-Pin, SOT143
3000 units in T&R
FM811JUX
KJYY
4.00
Push-Pull, active LOW
4-Pin, SOT143
3000 units in T&R
FM811TUX
KTYY
3.08
Push-Pull, active LOW
4-Pin, SOT143
3000 units in T&R
FM811SUX
KSYY
2.93
Push-Pull, active LOW
4-Pin, SOT143
3000 units in T&R
FM811RUX
KRYY
2.63
Push-Pull, active LOW
4-Pin, SOT143
3000 units in T&R
FM812LUX
LLYY
4.63
Push-Pull, active HIGH
4-Pin, SOT143
3000 units in T&R
FM812MUX
LMYY
4.38
Push-Pull, active HIGH
4-Pin, SOT143
3000 units in T&R
FM812JUX
LJYY
4.00
Push-Pull, active HIGH
4-Pin, SOT143
3000 units in T&R
FM812TUX
LTYY
3.08
Push-Pull, active HIGH
4-Pin, SOT143
3000 units in T&R
FM812SUX
LSYY
2.93
Push-Pull, active HIGH
4-Pin, SOT143
3000 units in T&R
FM812RUX
LRYY
2.63
Push-Pull, active HIGH
4-Pin, SOT143
3000 units in T&R


Similar Part No. - FM811SUX

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM811 FUMAN-FM811 Datasheet
214Kb / 3P
   Meteor shower
More results

Similar Description - FM811SUX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com