Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC237021473 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFC237021473
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237021473 Datasheet(HTML) 3 Page - Vishay Siliconix

  BFC237021473 Datasheet HTML 1Page - Vishay Siliconix BFC237021473 Datasheet HTML 2Page - Vishay Siliconix BFC237021473 Datasheet HTML 3Page - Vishay Siliconix BFC237021473 Datasheet HTML 4Page - Vishay Siliconix BFC237021473 Datasheet HTML 5Page - Vishay Siliconix BFC237021473 Datasheet HTML 6Page - Vishay Siliconix BFC237021473 Datasheet HTML 7Page - Vishay Siliconix BFC237021473 Datasheet HTML 8Page - Vishay Siliconix BFC237021473 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MKT370
www.vishay.com
Vishay BCcomponents
Revision: 17-May-13
3
Document Number: 28108
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) See “Voltage Proof Test for Metallized Film Capacitors”: www.vishay.com/doc?28169
Note
(1) See “Voltage Proof Test for Metallized Film Capacitors”: www.vishay.com/doc?28169
SPECIFIC REFERENCE DATA (Standard Size)
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
 0.1 μF
 75 x 10-4
 130 x 10-4
 220 x 10-4
0.1 μF < C
 0.47 μF
 75 x 10-4
 130 x 10-4
 300 x 10-4
0.47 μF < C
 1.5 μF
 75 x 10-4
 130 x 10-4
-
Rated voltage pulse slope (dU/dt)R at
50 VDC/63 VDC
100 VDC
250 VDC
400 VDC
60 V/μs
110 V/μs
330 V/μs
630 V/μs
R between leads, for C
 0.33 μF
at 10 V; 1 min
> 15 000 M
at 100 V; 1 min
> 15 000 M
> 30 000 M
> 30 000 M
RC between leads
0.33 μF < C
 1.0 μF at 10 V; 1 min
> 5000 s
C > 1.0 μF at 10 V; 1 min
> 1000 s
C > 0.33 μF at 100 V; 1 min
> 5000 s
R between interconnecting leads and case (foil method)
> 30 000 M
> 30 000 M
> 30 000 M
> 30 000 M
Withstanding (DC) voltage (cut off current 10 mA) (1); rise time
 1000 V/s
rise time 100 V/s
100 V; 1 min
160 V; 1 min
400 V; 1 min
640 V; 1 min
Withstanding (DC) voltage between leads and case
200 V; 1 min
200 V; 1 min
500 V; 1 min
800 V; 1 min
Maximum application temperature
100 °C
105 °C
SPECIFIC REFERENCE DATA (Compact Size)
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
 0.1 μF
 75 x 10-4
 130 x 10-4
 220 x 10-4
0.1 μF < C
 0.47 μF
 75 x 10-4
 130 x 10-4
 300 x 10-4
C > 0.47 μF
 75 x 10-4
 130 x 10-4
-
Rated voltage pulse slope (dU/dt)R at
100 VDC
250 VDC
400 VDC
630 VDC
37 V/μs
44 V/μs
200 V/μs
540 V/μs
R between leads, for C
 0.33 μF
at 100 V; 1 min
> 15 000 M
> 30 000 M
> 30 000 M
> 30 000 M
RC between leads
C > 0.33 μF at 100 V; 1 min
> 5000 s
R between interconnecting leads and case (foil method)
> 30 000 M
> 30 000 M
> 30 000 M
> 30 000 M
Withstanding (DC) voltage (cut off current 10 mA) (1); rise time
 1000 V/s
rise time 100 V/s
160 V; 1 min
400 V; 1 min
640 V; 1 min
1008 V; 1 min
Withstanding (DC) voltage between leads and case
200 V; 1 min
500 V; 1 min
800 V; 1 min
1260 V; 1 min
Maximum application temperature
100 °C
105 °C


Similar Part No. - BFC237021473

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237011104 VISHAY-BFC237011104 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237011105 VISHAY-BFC237011105 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237011124 VISHAY-BFC237011124 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237011125 VISHAY-BFC237011125 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237011154 VISHAY-BFC237011154 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
More results

Similar Description - BFC237021473

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237321335 VISHAY-BFC237321335 Datasheet
172Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237353104 VISHAY-BFC237353104 Datasheet
187Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com