Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM93C66A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FM93C66A
Description  4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C66A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM93C66A Datasheet HTML 1Page - Fairchild Semiconductor FM93C66A Datasheet HTML 2Page - Fairchild Semiconductor FM93C66A Datasheet HTML 3Page - Fairchild Semiconductor FM93C66A Datasheet HTML 4Page - Fairchild Semiconductor FM93C66A Datasheet HTML 5Page - Fairchild Semiconductor FM93C66A Datasheet HTML 6Page - Fairchild Semiconductor FM93C66A Datasheet HTML 7Page - Fairchild Semiconductor FM93C66A Datasheet HTML 8Page - Fairchild Semiconductor FM93C66A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.fairchildsemi.com
FM93C66A Rev. B.1
Absolute Maximum Ratings (Note 1)
Ambient Storage Temperature
-65
°C to +150°C
All Input or Output Voltages
+6.5V to -0.3V
with Respect to Ground
Lead Temperature
(Soldering, 10 sec.)
+300
°C
ESD rating
2000V
Operating Conditions
Ambient Operating Temperature
FM93C66A
0
°C to +70°C
FM93C66AE
-40
°C to +85°C
FM93C66AV
-40
°C to +125°C
Power Supply (V
CC)
4.5V to 5.5V
DC and AC Electrical Characteristics V
CC = 4.5V to 5.5V unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
I
CCA
Operating Current
CS = V
IH, SK=1.0 MHz
1
mA
ICCS
Standby Current
CS = VIL
50
µA
I
IL
Input Leakage
V
IN = 0V to VCC
±-1
µA
IOL
Output Leakage
(Note 2)
I
ILO
Input Leakage ORG Pin
ORG tied to V
CC
-1
1
µA
ORG tied to V
SS (Note 3)
-2.5
2.5
V
IL
Input Low Voltage
-0.1
0.8
V
V
IH
Input High Voltage
2
V
CC +1
VOL1
Output Low Voltage
IOL = 2.1 mA
0.4
V
V
OH1
Output High Voltage
I
OH = -400 µA
2.4
VOL2
Output Low Voltage
IOL = 10 µA
0.2
V
V
OH2
Output High Voltage
I
OH = -10 µAVCC - 0.2
f
SK
SK Clock Frequency
(Note 4)
1
MHz
t
SKH
SK High Time
0
°C to +70°C
250
ns
-40
°C to +125°C
300
tSKL
SK Low Time
250
ns
t
CS
Minimum CS Low Time
(Note 5)
250
ns
tCSS
CS Setup Time
50
ns
t
DH
DO Hold Time
70
ns
tDIS
DI Setup Time
100
ns
t
CSH
CS Hold Time
0
ns
tDIH
DI Hold Time
20
ns
t
PD
Output Delay
500
ns
tSV
CS to Status Valid
500
ns
t
DF
CS to DO in Hi-Z
CS = V
IL
100
ns
tWP
Write Cycle Time
10
ms


Similar Part No. - FM93C66A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66E FAIRCHILD-FM93C66E Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66V FAIRCHILD-FM93C66V Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Similar Description - FM93C66A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com