Electronic Components Datasheet Search |
|
FM93C66A Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
FM93C66A Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 13 page 2 www.fairchildsemi.com FM93C66A Rev. B.1 Connection Diagram Dual-In-Line Package (N) 8–Pin SO (M8) and 8–Pin TSSOP (MT8) Top View Package Number N08E, M08A and MTC08 Pin Names CS Chip Select SK Serial Data Clock DI Serial Data Input DO Serial Data Output GND Ground ORG Organization NC No Connect V CC Power Supply NOTE: Pins designated as "NC" are typically unbonded pins. However some of them are bonded for special testing purposes. Hence if a signal is applied to these pins, care should be taken that the voltage applied on these pins does not exceed the V CC applied to the device. This will ensure proper operation. Ordering Information FM 93 C XX A LZ E XXX Letter Description Package N 8-pin DIP M8 8-pin SO MT8 8-pin TSSOP Temp. Range None 0 to 70 °C V -40 to +125 °C E -40 to +85 °C Voltage Operating Range Blank 4.5V to 5.5V L 2.7V to 5.5V LZ 2.7V to 5.5V and <1 µA Standby Current A x8 or x16 configuration Density 66 4096 bits C CMOS CS Data protect and sequential read Interface 93 MICROWIRE Fairchild Memory Prefix VCC ORG GND CS SK DI DO 1 2 3 4 8 7 6 5 NC |
Similar Part No. - FM93C66A |
|
Similar Description - FM93C66A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |