Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM93C86A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FM93C86A
Description  16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C86A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FM93C86A Datasheet HTML 1Page - Fairchild Semiconductor FM93C86A Datasheet HTML 2Page - Fairchild Semiconductor FM93C86A Datasheet HTML 3Page - Fairchild Semiconductor FM93C86A Datasheet HTML 4Page - Fairchild Semiconductor FM93C86A Datasheet HTML 5Page - Fairchild Semiconductor FM93C86A Datasheet HTML 6Page - Fairchild Semiconductor FM93C86A Datasheet HTML 7Page - Fairchild Semiconductor FM93C86A Datasheet HTML 8Page - Fairchild Semiconductor FM93C86A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.fairchildsemi.com
FM93C86A Rev. C.1
Absolute Maximum Ratings (Note 1)
Ambient Storage Temperature
-65
°C to +150°C
All Input or Output Voltages
+6.5V to -0.3V
with Respect to Ground
Lead Temperature
(Soldering, 10 sec.)
+300
°C
ESD rating
2000V
Operating Conditions
Ambient Operating Temperature
FM93C86AL/LZ
0
°C to +70°C
FM93C86ALE/LZE
-40
°C to +85°C
FM93C86ALV/LZV
-40
°C to +125°C
Power Supply (V
CC)
2.7V to 5.5V
DC and AC Electrical Characteristics V
CC = 2.7V to 4.5V unless otherwise specified. Refer to
page 3 for 4.5V to 5.5V V
CC
Symbol
Parameter
Conditions
Min
Max
Units
I
CCA
Operating Current
CS = V
IH, SK=250 KHz
1
mA
ICCS
Standby Current
CS = VIL
L
10
µA
LZ (2.7V to 4.5V)
1
µA
I
IL
Input Leakage
V
IN = 0V to VCC
±1
µA
I
OL
Output Leakage
(Note 2)
I
ILO
Input Leakage ORG Pin
ORG tied to V
CC
-1
1
µA
ORG tied to V
SS (Note 3)
-2.5
2.5
VIL
Input Low Voltage
-0.1
0.15VCC
V
V
IH
Input High Voltage
0.8V
CC
V
CC +1
VOL
Output Low Voltage
IOL = 10µA
0.1VCC
V
V
OH
Output High Voltage
I
OH = -10µA
0.9V
CC
fSK
SK Clock Frequency
(Note 4)
0
250
KHz
t
SKH
SK High Time
1
µs
tSKL
SK Low Time
1
µs
t
CS
Minimum CS Low Time
(Note 5)
1
µs
t
CSS
CS Setup Time
0.2
µs
tDH
DO Hold Time
70
ns
t
DIS
DI Setup Time
0.4
µs
tCSH
CS Hold Time
0
ns
t
DIH
DI Hold Time
0.4
µs
t
PD
Output Delay
2
µs
tSV
CS to Status Valid
1
µs
t
DF
CS to DO in Hi-Z
CS = V
IL
0.4
µs
t
WP
Write Cycle Time
15
ms
Capacitance T
A = 25°C, f = 1 MHz or
250 KHz (Note 6)
Symbol
Test
Typ
Max
Units
COUT
Output Capacitance
5
pF
C
IN
Input Capacitance
5
pF
Note 1:
Stress above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
Note 2:
Typical leakage values are in the 20nA range.
Note 3:
ORG pin may draw >1
µA when in x8 mode due to the internal pull-up transistor.
Note 4:
The shortest allowable SK clock period = 1/f
SK (as shown under the fSK parameter). Maximum
SK clock speed (minimum SK period) is determined by the interaction of several AC parameters stated
in the datasheet. Within this SK period, both t
SKH and tSKL limits must be observed. Therefore, it is not
allowable to set 1/f
SK = tSKHminimum + tSKLminimum for shorter SK cycle time operation.
Note 5:
CS (Chip Select) must be brought low (to VIL) for an interval of tCS in order to reset all internal
device registers (device reset) prior to beginning another opcode cycle. (This is shown in the opcode
diagram on the following page.)
Note 6:
This parameter is periodically sampled and not 100% tested.
AC Test Conditions
VCC Range
VIL/VIH
VIL/VIH
VOL/VOH
IOL/IOH
Input Levels
Timing Level
Timing Level
2.7V
≤ V
CC ≤ 5.5V
0.3V/1.8V
1.0V
0.8V/1.5V
±10µA
(Extended Voltage Levels)
4.5V
≤ V
CC ≤ 5.5V
0.4V/2.4V
1.0V/2.0V
0.4V/2.4V
2.1mA/-0.4mA
(TTL Levels)
Output Load: 1 TTL Gate (C
L = 100 pF)


Similar Part No. - FM93C86A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06E FAIRCHILD-FM93C06E Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06V FAIRCHILD-FM93C06V Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results

Similar Description - FM93C86A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com