Electronic Components Datasheet Search |
|
FM812SUX Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
FM812SUX Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page www.fairchildsemi.com REV. 1.5.1 7/15/02 PRELIMINARY INFORMATION describes products that are in the design stage. Specifications may change in any manner whatever without notice. Contact Fairchild Semiconductor for current information. Features • Feature • Precision Voltage Monitor for 3V, 3.3V or 5V Power Supplies • 6µA Supply Current • 140ms Minimum Reset Pulse Width • RESET Remains Valid with VCC as Low as 1.4V • Active Low Manual Reset Input • No External Components • 4-Pin SOT-143 Package Applications • Critical Microprocessor Power Monitoring • Portable Equipment • Intelligent Instruments • Computers & Printers • Controllers Description The FM811/FM812 is a low cost microprocessor supervisory circuit that asserts a reset if the power supply drops below a designated threshold or the manual reset pin is forced low. Several different reset thresholds are available to accommodate systems operating at 3V, 3.3V or 5V. The FM811 has an active low RESET output, while the FM812 offers an active high RESET output. The reset output is guaranteed to remain asserted for a minimum of 140ms after VCC has risen above the designated reset threshold. The FM811/FM812 is available in a 4-pin SOT-143. Typical Applications FM811 FM812 µP VCC VCC RESET RESET INPUT MR (RESET) ( ) = FM812 VCC FM811/812 Microprocessor Reset Circuits |
Similar Part No. - FM812SUX |
|
Similar Description - FM812SUX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |