Electronic Components Datasheet Search |
|
FM93CS66E Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
FM93CS66E Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 16 page 4 www.fairchildsemi.com FM93CS66 Rev. C.1 Absolute Maximum Ratings (Note 1) Ambient Storage Temperature -65 °C to +150°C All Input or Output Voltages +6.5V to -0.3V with Respect to Ground Lead Temperature (Soldering, 10 sec.) +300 °C ESD rating 2000V Operating Conditions Ambient Operating Temperature FM93CS66L/LZ 0 °C to +70°C FM93CS66LE/LZE -40 °C to +85°C FM93CS66LV/LZV -40 °C to +125°C Power Supply (V CC) 2.7V to 5.5V DC and AC Electrical Characteristics V CC = 2.7V to 4.5V unless otherwise specified. Refer to page 3 for V CC = 4.5V to 5.5V. Symbol Parameter Conditions Min Max Units I CCA Operating Current CS = V IH, SK=256 KHz 1 mA ICCS Standby Current CS = VIL L 10 µA LZ (2.7V to 4.5V) 1 µA I IL Input Leakage V IN = 0V to VCC ±1 µA I OL Output Leakage (Note 2) V IL Input Low Voltage -0.1 0.15V CC V V IH Input High Voltage 0.8V CC V CC +1 VOL Output Low Voltage IOL = 10µA 0.1VCC V V OH Output High Voltage I OH = -10µA 0.9V CC fSK SK Clock Frequency (Note 3) 0 250 KHz t SKH SK High Time 1 µs t SKL SK Low Time 1 µs tCS Minimum CS Low Time (Note 4) 1 µs t CSS CS Setup Time 0.2 µs tPRES PRE Setup Time 50 ns t DH DO Hold Time 70 ns t PES PE Setup Time 50 ns t DIS DI Setup Time 0.4 µs t CSH CS Hold Time 0 ns tPEH PE Hold Time 250 ns t PREH PRE Hold Time 50 ns t DIH DI Hold Time 0.4 µs t PD Output Delay 2 µs t SV CS to Status Valid 1 µs tDF CS to DO in Hi-Z CS = VIL 0.4 µs t WP Write Cycle Time 15 ms Capacitance T A = 25°C, f = 1 MHz or 256 KHz (Note 5) Symbol Test Typ Max Units C OUT Output Capacitance 5 pF CIN Input Capacitance 5 pF Note 1: Stress above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Note 2: Typical leakage values are in the 20nA range. Note 3: The shortest allowable SK clock period = 1/fSK (as shown under the fSK parameter). Maximum SK clock speed (minimum SK period) is determined by the interaction of several AC parameters stated in the datasheet. Within this SK period, both tSKH and tSKL limits must be observed. Therefore, it is not allowable to set 1/fSK = tSKHminimum + tSKLminimum for shorter SK cycle time operation. Note 4: CS (Chip Select) must be brought low (to VIL) for an interval of tCS in order to reset all internal device registers (device reset) prior to beginning another opcode cycle. (This is shown in the opcode diagram on the following page.) Note 5: This parameter is periodically sampled and not 100% tested. AC Test Conditions V CC Range V IL/VIH V IL/VIH V OL/VOH I OL/IOH Input Levels Timing Level Timing Level 2.7V ≤ V CC ≤ 5.5V 0.3V/1.8V 1.0V 0.8V/1.5V ±10µA (Extended Voltage Levels) 4.5V ≤ V CC ≤ 5.5V 0.4V/2.4V 1.0V/2.0V 0.4V/2.4V 2.1mA/-0.4mA (TTL Levels) Output Load: 1 TTL Gate (C L = 100 pF) |
Similar Part No. - FM93CS66E |
|
Similar Description - FM93CS66E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |