Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB1020 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMB1020
Description  NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB1020 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMB1020 Datasheet HTML 1Page - Fairchild Semiconductor FMB1020 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
0.85
1.0
Ic = 10mA, Ib = 1mA
Ic = 200mA, Ib = 20mA
Base-Emitter Saturation Voltage
VBE(sat)
V
0.2
0.4
Ic = 10mA, Ib = 1mA
Ic = 200mA, Ib = 20mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
450
350
80
100
100
100
Vce = 1V, Ic = 100uA
Vce = 1V, Ic =
10mA
Vce = 1V, Ic = 100mA
Vce = 5V, Ic = 150mA
DC Current Gain
hFE
ON CHARACTERISTICS
nA
50
Veb = 4 V
Emitter Cutoff Current
IEBO
nA
50
Vce = 40 V
Collector Cutoff Current
ICES
nA
50
Vcb = 50 V
Collector Cutoff Current
ICBO
V
6
Ie = 10 uA
Emitter to Base Voltage
BVEBO
V
60
Ic = 10 uA
Collector to Base Voltage
BVCBO
V
45
Ic = 1.0 mA
Collector to Emitter Voltage
BVCEO
OFF CHARACTERISTICS
Units
Max
Min
Test Conditions
Parameter
Symbol
Electrical Characteristics T
A = 25°C unless otherwise noted
NPN & PNP Complementary Dual Transistor
(continued)
SMALL SIGNAL CHARACTERISTICS
TYP
dB
2.5
Vce = 5V, Ic = 100uA,
Rs = 2kohms, f = 1 kHz
Noise Figure
NF
MHz
300
Vce = 20V, Ic = 20mA, f = 100MHz
Current Gain - Bandwidth Product
fT
pF
4.5
Vcb = 10V, f = 1MHz
Output Capacitance
COB
Page 2 of 2
fmb1020.lwpPr10&68(Y4)
© 1998 Fairchild Semiconductor Corporation


Similar Part No. - FMB1020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
DONGGUAN YOU FENG WEI E...
FMB10F YFWDIODE-FMB10F Datasheet
494Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
logo
Dongguan Pingjingsemi T...
FMB10F-PJ PJSEMI-FMB10F-PJ Datasheet
1Mb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRI
logo
DONGGUAN YOU FENG WEI E...
FMB10S YFWDIODE-FMB10S Datasheet
497Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
More results

Similar Description - FMB1020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB2227A FAIRCHILD-FMB2227A Datasheet
28Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMB3946 FAIRCHILD-FMB3946 Datasheet
30Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMBA0656 FAIRCHILD-FMBA0656 Datasheet
28Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT- 6 Surface Mount Package
FMB5551 FAIRCHILD-FMB5551_04 Datasheet
72Kb / 3P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
FMB5551 FAIRCHILD-FMB5551 Datasheet
29Kb / 2P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ Datasheet
266Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
May 2021
DST3946DPJ DIODES-DST3946DPJ Datasheet
200Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DS32040 Rev. 1 - 2
DC0150ADJ DIODES-DC0150ADJ_15 Datasheet
114Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DST3946DPJ DIODES-DST3946DPJ_15 Datasheet
201Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
logo
TT Electronics.
2N4854U TTELEC-2N4854U Datasheet
498Kb / 4P
   Surface Mount NPN/ PNP Complementary Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com