Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF8NM50N Datasheet(PDF) 2 Page - STMicroelectronics

Part # STF8NM50N
Description  N-channel 500 V, 0.73 Ohm typ., 5 A MDmesh II Power MOSFET in DPAK, TO-220 and IPAK packages
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8NM50N Datasheet(HTML) 2 Page - STMicroelectronics

  STF8NM50N Datasheet HTML 1Page - STMicroelectronics STF8NM50N Datasheet HTML 2Page - STMicroelectronics STF8NM50N Datasheet HTML 3Page - STMicroelectronics STF8NM50N Datasheet HTML 4Page - STMicroelectronics STF8NM50N Datasheet HTML 5Page - STMicroelectronics STF8NM50N Datasheet HTML 6Page - STMicroelectronics STF8NM50N Datasheet HTML 7Page - STMicroelectronics STF8NM50N Datasheet HTML 8Page - STMicroelectronics STF8NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Contents
STD8NM50N, STP8NM50N, STU8NM50N
2/19
Doc ID 17413 Rev 6
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5
Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18


Similar Part No. - STF8NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF8NM60N STMICROELECTRONICS-STF8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STF8NM60N STMICROELECTRONICS-STF8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
STF8NM60ND STMICROELECTRONICS-STF8NM60ND Datasheet
727Kb / 17P
   N-channel 600 V, 0.59 , 7 A, FDmesh II Power MOSFET
February 2009 Rev 1
logo
Inchange Semiconductor ...
STF8NM60ND ISC-STF8NM60ND Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF8NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD8NM50N STMICROELECTRONICS-STD8NM50N Datasheet
1Mb / 19P
   N-channel 500 V, 0.73 廓 typ., 5 A MDmesh?줚I Power MOSFET in DPAK, TO-220 and IPAK packages
STD9NM40N STMICROELECTRONICS-STD9NM40N Datasheet
1Mb / 18P
   N-channel 400 V, 0.73 廓 typ., 5.6 A MDmesh??II Power MOSFET in DPAK and TO-220 packages
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STD2N105K5 STMICROELECTRONICS-STD2N105K5 Datasheet
1Mb / 21P
   N-channel 1050 V, 6 廓 typ., 1.5 A MDmesh??K5 Power MOSFETs in DPAK, TO-220 and IPAK packages
November 2014 Rev 3
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
STD4N80K5 STMICROELECTRONICS-STD4N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 2.1 ??typ., 3 A MDmesh??K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
February 2015 Rev 3
STP7N65M2 STMICROELECTRONICS-STP7N65M2 Datasheet
881Kb / 18P
   N-channel 650 V, 0.98 廓 typ., 5 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
May 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com