Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB3946 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMB3946
Description  NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB3946 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMB3946 Datasheet HTML 1Page - Fairchild Semiconductor FMB3946 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FMB3946
NPN & PNP Complementary Dual Transistor
SuperSOT-6 Surface Mount Package
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
°C
-55 to +150
Operating and Storage Junction Temperature Range
TJ, Tstg
mA
200
Collector Current
IC
V
5
Emitter-Base Voltage
VEBO
V
40
Collector-Base Voltage
VCBO
V
40
Collector-Emitter Voltage
VCEO
Units
Value
Parameter
Symbol
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150°C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
°C/W
180
Thermal Resistance, Junction to Ambient
RθJA
mW
mW/°C
700
5.6
Total Device Dissipation
Derate above 25°C
PD
Units
Max
Characteristics
Symbol
Thermal Characteristics T
A = 25°C unless otherwise noted
Page 1 of 2
fmb3946.lwpPr23&66(Y2)
© 1997 Fairchild Semiconductor Corporation
Package: SuperSOT-6
Device Marking: .002
Note: The "
. " (dot) signifies Pin 1
Transistor 1 is NPN device,
transistor 2 is PNP device.
This complementary dual device was designed for use as a general purpose amplifier and switch. The useful
dynamic range extends to 100mA as a switch and to 100MHz as an amplifier. Sourced from Process 23
(NPN) and Process 66 (PNP).
Discrete Power
&
Signal Technologies
C2
E1
C1
B2
E2
B1


Similar Part No. - FMB3946

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB3946 FAIRCHILD-FMB3946 Datasheet
42Kb / 3P
   NPN & PNP General Purpose Amplifier
More results

Similar Description - FMB3946

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB2227A FAIRCHILD-FMB2227A Datasheet
28Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMB1020 FAIRCHILD-FMB1020 Datasheet
29Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMBA0656 FAIRCHILD-FMBA0656 Datasheet
28Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT- 6 Surface Mount Package
FMB5551 FAIRCHILD-FMB5551_04 Datasheet
72Kb / 3P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
FMB5551 FAIRCHILD-FMB5551 Datasheet
29Kb / 2P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ Datasheet
266Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
May 2021
DST3946DPJ DIODES-DST3946DPJ Datasheet
200Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DS32040 Rev. 1 - 2
DC0150ADJ DIODES-DC0150ADJ_15 Datasheet
114Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DST3946DPJ DIODES-DST3946DPJ_15 Datasheet
201Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
logo
TT Electronics.
2N4854U TTELEC-2N4854U Datasheet
498Kb / 4P
   Surface Mount NPN/ PNP Complementary Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com