Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB5551 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMB5551
Description  NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB5551 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMB5551 Datasheet HTML 1Page - Fairchild Semiconductor FMB5551 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, January 2002
Absolute Maximum Ratings T
a=25°C unless otherwise noted
* Pd total, for both transistors. For each transistor, Pd = 350mW.
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
160
V
VCBO
Collector-Base Voltage
180
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current (DC)
600
mA
PC
Collector Dissipation (Ta=25°C) *
0.7
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
- 55 ~ 150
°C
RθJA
Thermal Resistance, Junction to Ambient
180
°C/W
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
BVCEO
Collector-Emitter Voltage
IC = 1mA
160
V
BVCBO
Collector-Base Voltage
IC = 10µA180
V
BVEBO
Emitter-Base Voltage
IE = 10µA6
V
ICBO
Collector Cut-off Current
VCB = 120V
VCB = 120V, T = 100°C
50
50
nA
µA
IEBO
Emitter Cut-off Current
VEB = 4V
50
nA
On Characteristics
hFE
DC Current Gain
VCE = 5V, IC = 1mA
VCE = 5V, IC = 10mA
VCE = 5V, IC = 50mA
80
80
30
250
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 1mA
IC = 50mA, IB = 5mA
0.15
0.2
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10mA, IB = 1mA
IC = 50mA, IB = 5mA
1
1
V
Small Signal Characteristics
TYPICAL
Cob
Output Capacitance
VCB = 10V, f = 1MHz
6
pF
Cib
Input Capacitance
VCB = 0.5V, f = 1MHz
20
pF
fT
Current gain Bandwidth Product
VCE = 10V, IC = 10mA
f = 100MHz
100
300
MHz
NF
Noise Figure
VCE = 5V, IC = 200µA
f = 1MHz, RS = 2kΩ, B = 200Hz
8dB
hFE
Small Signal Current Gain
VCE = 10V, IC = 1mA
f = 1KHz
50
250
FMB5551
NPN General Purpose Amplifier
SuperSOT-6 Surface Mount Package
• This device is designed for general purpose high voltage amplifiers
and gas discharge display driving.
• Sourced from process 16.
• See MMBT5551 for characteristics.
C1
E1
C2
B1
E2
B2
SuperSOT-6


Similar Part No. - FMB5551

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB5551 FAIRCHILD-FMB5551 Datasheet
72Kb / 3P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
FMB5551 FAIRCHILD-FMB5551 Datasheet
628Kb / 1P
   FAIRCHILD Small Signal Transistors
FMB5551 FAIRCHILD-FMB5551_04 Datasheet
72Kb / 3P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
More results

Similar Description - FMB5551

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB5551 FAIRCHILD-FMB5551_04 Datasheet
72Kb / 3P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
FMB2227A FAIRCHILD-FMB2227A Datasheet
28Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMB1020 FAIRCHILD-FMB1020 Datasheet
29Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMB3946 FAIRCHILD-FMB3946 Datasheet
30Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMBA0656 FAIRCHILD-FMBA0656 Datasheet
28Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT- 6 Surface Mount Package
logo
Micropac Industries
61113 MICROPAC-61113 Datasheet
81Kb / 2P
   GENERAL PURPOSE (NPN) TRANSISTOR SURFACE MOUNT PACKAGE
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
MSD602-RT1 LRC-MSD602-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
   NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com