Electronic Components Datasheet Search |
|
STD10PF06-1 Datasheet(PDF) 2 Page - STMicroelectronics |
|
STD10PF06-1 Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 9 page STD10PF06 2/9 THERMAL DATA AVALANCHE CHARACTERISTICS ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED) OFF ON (*) DYNAMIC Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Thermal Resistance Junction-ambient Maximum Lead Temperature For Soldering Purpose Max Max 3.75 100 275 °C/W °C/W °C Symbol Parameter Max Value Unit IAR Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) 10 A EAS Single Pulse Avalanche Energy (starting Tj = 25 °C, ID = IAR, VDD = 25 V) 125 mJ Symbol Parameter Test Conditions Min. Typ. Max. Unit V(BR)DSS Drain-source Breakdown Voltage ID = 250 µA, VGS = 0 60 V IDSS Zero Gate Voltage Drain Current (VGS = 0) VDS = Max Rating VDS = Max Rating TC = 125°C 1 10 µA µA IGSS Gate-body Leakage Current (VDS = 0) VGS = ± 20V ±1 µA Symbol Parameter Test Conditions Min. Typ. Max. Unit VGS(th) Gate Threshold Voltage VDS = VGS ID = 250 µA 24 V RDS(on) Static Drain-source On Resistance VGS = 10 V ID = 5 A 0.18 0.20 Ω Symbol Parameter Test Conditions Min. Typ. Max. Unit gfs (*) Forward Transconductance VDS = 25 V ID=5 A 25 S Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25 V f = 1 MHz VGS = 0 850 230 75 pF pF pF |
Similar Part No. - STD10PF06-1 |
|
Similar Description - STD10PF06-1 |