Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3011CWTR Datasheet(PDF) 8 Page - International Rectifier

Part # IRU3011CWTR
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3011CWTR Datasheet(HTML) 8 Page - International Rectifier

Back Button IRU3011CWTR Datasheet HTML 4Page - International Rectifier IRU3011CWTR Datasheet HTML 5Page - International Rectifier IRU3011CWTR Datasheet HTML 6Page - International Rectifier IRU3011CWTR Datasheet HTML 7Page - International Rectifier IRU3011CWTR Datasheet HTML 8Page - International Rectifier IRU3011CWTR Datasheet HTML 9Page - International Rectifier IRU3011CWTR Datasheet HTML 10Page - International Rectifier IRU3011CWTR Datasheet HTML 11Page - International Rectifier IRU3011CWTR Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Rev. 1.6
08/20/02
IRU3011
www.irf.com
APPLICATION INFORMATION
An example of how to calculate the components for the
application circuit is given below.
Assuming, two sets of output conditions that this regu-
lator must meet,
the regulator design will be done such that it meets the
worst case requirement of each condition.
Output Capacitor Selection
The first step is to select the output capacitor. This is
done primarily by selecting the maximum ESR value
that meets the transient voltage budget of the total
DVo
specification. Assuming that the regulators DC initial
accuracy plus the output ripple is 2% of the output volt-
age, then the maximum ESR of the output capacitor is
calculated as:
The Sanyo MVGX series is a good choice to achieve
both the price and performance goals. The 6MV1500GX,
1500
mF, 6.3V has an ESR of less than 36mV typical.
Selecting 6 of these capacitors in parallel has an ESR
of
≈ 6mV which achieves our low ESR goal.
Other type of electrolytic capacitors from other manu-
facturers to consider are the Panasonic FA series or the
Nichicon PL series.
Reducing the Output Capacitors Using Voltage Level
Shifting Technique
The trace resistance or an external resistor from the output
of the switching regulator to the Slot 1 can be used to
the circuit advantage and possibly reduce the number of
output capacitors, by level shifting the DC regulation point
when transitioning from light load to full load and vice
versa. To accomplish this, the output of the regulator is
typically set about half the DC drop that results from
light load to full load. For example, if the total resistance
from the output capacitors to the Slot 1 and back to the
Gnd pin of the device is 5m
V and if the total DI, the
change from light load to full load is 14A, then the output
voltage measured at the top of the resistor divider which
is also connected to the output capacitors in this case,
must be set at half of the 70mV or 35mV higher than the
DAC voltage setting.
This intentional voltage level shifting during the load tran-
sient eases the requirement for the output capacitor ESR
at the cost of load regulation. One can show that the
new ESR requirement eases up by half the total trace
resistance. For example, if the ESR requirement of the
output capacitors without voltage level shifting must be
7m
V then after level shifting the new ESR will only need
to be 8.5m
V if the trace resistance is 5mV (7 + 5/2=9.5).
However, one must be careful that the combined “volt-
age level shifting” and the transient response is still within
the maximum tolerance of the Intel specification. To in-
sure this, the maximum trace resistance must be less
than:
Where :
Rs = Total maximum trace resistance allowed
Vspec = Intel total voltage spec
Vo = Output voltage
DVo = Output ripple voltage
DI = load current step
For example, assuming:
Vspec =
±140mV = ±0.1V for 2V output
Vo = 2V
DVo = assume 10mV = 0.01V
DI = 14.2A
Then the Rs is calculated to be:
However, if a resistor of this value is used, the maximum
power dissipated in the trace (or if an external resistor is
being used) must also be considered. For example if
Rs=12.6m
V, the power dissipated is:
This is a lot of power to be dissipated in a system. So, if
the Rs=5m
V, then the power dissipated is about 1W
which is much more acceptable. If level shifting is not
implemented, then the maximum output capacitor ESR
was shown previously to be 7m
V which translated to
≈ 6
of the 1500
mF, 6MV1500GX type Sanyo capacitors. With
Rs=5m
V, the maximum ESR becomes 9.5mV which is
equivalent to
≈ 4 caps. Another important consideration
is that if a trace is being used to implement the resistor,
the power dissipated by the trace increases the case
temperature of the output capacitors which could seri-
ously effect the life time of the output capacitors.
ESR
[
= 7m
V
100
14.2
a) Vo=2.8V, Io=14.2A,
DVo=185mV, DIo=14.2A
b) Vo=2V, Io=14.2A,
DVo=140mV, DIo=14.2A
Rs
[ 23(Vspec - 0.023Vo - DVo) / DI
Rs
[ 23(0.140 - 0.0232 - 0.01) / 14.2 = 12.6mV
Io2
3Rs = 14.22312.6 = 2.54W


Similar Part No. - IRU3011CWTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3011CW IRF-IRU3011CW Datasheet
77Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
More results

Similar Description - IRU3011CWTR

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
International Rectifier
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
IRU3055 IRF-IRU3055 Datasheet
355Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com