Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBL1G300US60 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMBL1G300US60
Description  Molding Type Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMBL1G300US60 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMBL1G300US60 Datasheet HTML 1Page - Fairchild Semiconductor FMBL1G300US60 Datasheet HTML 2Page - Fairchild Semiconductor FMBL1G300US60 Datasheet HTML 3Page - Fairchild Semiconductor FMBL1G300US60 Datasheet HTML 4Page - Fairchild Semiconductor FMBL1G300US60 Datasheet HTML 5Page - Fairchild Semiconductor FMBL1G300US60 Datasheet HTML 6Page - Fairchild Semiconductor FMBL1G300US60 Datasheet HTML 7Page - Fairchild Semiconductor FMBL1G300US60 Datasheet HTML 8Page - Fairchild Semiconductor FMBL1G300US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
FMBL1G300US60 Rev. A
Electrical Characteristics of IGBT T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVCES
Collector-Emitter Breakdown Voltage
VGE = 0V, IC = 250uA
600
--
--
V
∆B
VCES/
∆T
J
Temperature Coeff. of Breakdown
Voltage
VGE = 0V, IC = 1mA
--
0.6
--
V/
°C
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
--
--
250
uA
IGES
G-E Leakage Current
VGE = VGES, VCE = 0V
--
--
± 100
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 0V, IC = 200mA
5.0
--
8.5
V
VCE(sat)
Collector to Emitter
Saturation Voltage
IC = 300A, VGE = 15V
--
2.2
2.8
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
--
14600
--
pF
Coes
Output Capacitance
--
2170
--
pF
Cres
Reverse Transfer Capacitance
--
500
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 300 V, IC = 300A,
RG = 1.5Ω, VGE = 15V
Inductive Load, TC = 25°C
--
170
--
ns
tr
Rise Time
--
110
--
ns
td(off)
Turn-Off Delay Time
--
240
300
ns
tf
Fall Time
--
100
200
ns
Eon
Turn-On Switching Loss
--
4.2
--
mJ
Eoff
Turn-Off Switching Loss
--
13.3
--
mJ
Ets
Total Switching Loss
--
17.5
--
mJ
td(on)
Turn-On Delay Time
VCC = 300 V, IC = 300A,
RG = 1.5Ω, VGE = 15V
Inductive Load, TC = 125°C
--
290
--
ns
tr
Rise Time
--
140
--
ns
td(off)
Turn-Off Delay Time
--
285
--
ns
tf
Fall Time
--
165
--
ns
Eon
Turn-On Switching Loss
--
6.0
--
mJ
Eoff
Turn-Off Switching Loss
--
16.5
--
mJ
Ets
Total Switching Loss
--
22.5
--
mJ
Tsc
Short Circuit Withstand Time
VCC = 300 V, VGE = 15V
@
TC = 100°C
10
--
--
us
Qg
Total Gate Charge
VCE = 300 V, IC = 300A,
VGE = 15V
--
1260
1400
nC
Qge
Gate-Emitter Charge
--
250
--
nC
Qgc
Gate-Collector Charge
--
565
--
nC


Similar Part No. - FMBL1G300US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMBL1G200US60 FAIRCHILD-FMBL1G200US60 Datasheet
699Kb / 9P
   Molding Type Module
More results

Similar Description - FMBL1G300US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FMG2G400US60 FAIRCHILD-FMG2G400US60 Datasheet
568Kb / 7P
   Molding Type Module
FM2G300US60 FAIRCHILD-FM2G300US60 Datasheet
696Kb / 9P
   Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com