Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBS549 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMBS549
Description  PNP Low Saturation Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMBS549 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMBS549 Datasheet HTML 1Page - Fairchild Semiconductor FMBS549 Datasheet HTML 2Page - Fairchild Semiconductor FMBS549 Datasheet HTML 3Page - Fairchild Semiconductor FMBS549 Datasheet HTML 4Page - Fairchild Semiconductor FMBS549 Datasheet HTML 5Page - Fairchild Semiconductor FMBS549 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FMBS549
PNP Low Saturation Transistor
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
°C
-55 to +150
Operating and Storage Junction Temperature Range
TJ, TSTG
A
A
1
2
Collector Current- Continuous
- Peak Pulse Current
IC
V
5
Emitter-Base Voltage
VEBO
V
35
Collector-Base Voltage
VCBO
V
30
Collector-Emitter Voltage
VCEO
Units
Value
Parameter
Symbol
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150°C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
*Device mounted on a 1 in2 pad of 2 oz copper.
°C/W
180
Thermal Resistance, Junction to Ambient, total
RθJA
mW
700
Total Device Dissipation*
PD
Units
Max
Characteristics
Symbol
Thermal Characteristics T
A = 25°C unless otherwise noted
© 1999 Fairchild Semiconductor
fmbs549.lwp Rev A PrPB
ThIs device is designed with high current gain and low saturation voltage with collector currents up to
2A continous. Sourced from process PB.
Package: SuperSOT-6 single
Mark : .S1
NC
C
E
B
C
C
Pin 1


Similar Part No. - FMBS549

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
More results

Similar Description - FMBS549

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB660 FAIRCHILD-FSB660 Datasheet
223Kb / 7P
   PNP Low Saturation Transistor
FZT749 FAIRCHILD-FZT749 Datasheet
27Kb / 2P
   PNP Low Saturation Transistor
FMMT549 FAIRCHILD-FMMT549_06 Datasheet
151Kb / 5P
   PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
logo
ON Semiconductor
FZT790A ONSEMI-FZT790A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
February 2015 Rev. 3.1
FSB749 ONSEMI-FSB749 Datasheet
267Kb / 6P
   PNP Low Saturation Transistor
January 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
FPN660 FAIRCHILD-FPN660 Datasheet
57Kb / 5P
   PNP Low Saturation Transistor
ZTX749A FAIRCHILD-ZTX749A Datasheet
40Kb / 3P
   PNP Low Saturation Transistor
NZT660 FAIRCHILD-NZT660 Datasheet
200Kb / 7P
   PNP Low Saturation Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com