Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM93C56EN Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FM93C56EN
Description  (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C56EN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FM93C56EN Datasheet HTML 1Page - Fairchild Semiconductor FM93C56EN Datasheet HTML 2Page - Fairchild Semiconductor FM93C56EN Datasheet HTML 3Page - Fairchild Semiconductor FM93C56EN Datasheet HTML 4Page - Fairchild Semiconductor FM93C56EN Datasheet HTML 5Page - Fairchild Semiconductor FM93C56EN Datasheet HTML 6Page - Fairchild Semiconductor FM93C56EN Datasheet HTML 7Page - Fairchild Semiconductor FM93C56EN Datasheet HTML 8Page - Fairchild Semiconductor FM93C56EN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.fairchildsemi.com
FM93CS56 Rev. C.1
July 2000
© 2000 Fairchild Semiconductor International
FM93CS56
(MICROWIRE™ Bus Interface) 2048-Bit Serial EEPROM
with Data Protect and Sequential Read
General Description
FM93CS56 is a 2048-bit CMOS non-volatile EEPROM organized
as 128 x 16-bit array. This device features MICROWIRE interface
which is a 4-wire serial bus with chipselect (CS), clock (SK), data
input (DI) and data output (DO) signals. This interface is compat-
ible to many of standard Microcontrollers and Microprocessors.
FM93CS56 offers programmable write protection to the memory
array using a special register called Protect Register. Selected
memory locations can be protected against write by programming
this Protect Register with the address of the first memory location
to be protected (all locations greater than or equal to this first
address are then protected from further change). Additionally, this
address can be “permanently locked” into the device, making all
future attempts to change data impossible. In addition this device
features “sequential read”, by which, entire memory can be read
in one cycle instead of multiple single byte read cycles. There are
10 instructions implemented on the FM93CS56, 5 of which are for
memory operations and the remaining 5 are for Protect Register
operations. This device is fabricated using Fairchild Semiconduc-
tor floating-gate CMOS process for high reliability, high endurance
and low power consumption.
“LZ” and “L” versions of FM93CS56 offer very low standby current
making them suitable for low power applications. This device is offered
in both SO and TSSOP packages for small space considerations.
Functional Diagram
Features
I Wide V
CC 2.7V - 5.5V
I Programmable write protection
I Sequential register read
I Typical active current of 200µA
10
µA standby current typical
1
µA standby current typical (L)
0.1
µA standby current typical (LZ)
I No Erase instruction required before Write instruction
I Self timed write cycle
I Device status during programming cycles
I 40 year data retention
I Endurance: 1,000,000 data changes
I Packages available: 8-pin SO, 8-pin DIP, 8-pin TSSOP
INSTRUCTION
DECODER
CONTROL LOGIC
AND CLOCK
GENERATORS
COMPARATOR
AND
WRITE ENABLE
HIGH VOLTAGE
GENERATOR
AND
PROGRAM
TIMER
INSTRUCTION
REGISTER
ADDRESS
REGISTER
PROTECT
REGISTER
EEPROM ARRAY
READ/WRITE AMPS
DATA IN/OUT REGISTER
16 BITS
DECODER
16
16
DATA OUT BUFFER
PRE
PE
CS
SK
DI
DO
VSS
VCC


Similar Part No. - FM93C56EN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C56E FAIRCHILD-FM93C56E Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Similar Description - FM93C56EN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com