Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMC6G20US60 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FMC6G20US60
Description  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMC6G20US60 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FMC6G20US60 Datasheet HTML 1Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 2Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 3Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 4Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 5Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 6Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 7Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 8Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
FMC6G20US60 Rev. A3
Fig 14. Gate Charge Characteristics
Fig 13. Switching Loss vs. Collector Current
Fig 15. SOA Characteristics
Fig 16. Turn-Off SOA Characteristics
Fig 17. RBSOA Characteristics
Fig 18. Transient Thermal Impedance
10
15
20
25
30
35
40
100
1000
Eoff
Eon
Eoff
Common Emitter
V
GE =
± 15V, R
G = 10
T
C =
25℃ ━━
T
C = 125
℃ ------
Collector Current, I
C [A]
1
10
100
1000
1
10
100
Safe Operating Area
V
GE = 20V, TC = 100
Collector-Emitter Voltage, V
CE [V]
0.3
1
10
100
1000
0.01
0.1
1
10
100
Single Nonrepetitive
Pulse T
C = 25
Curves must be derated
linearly with increase
in temperature
50us
100us
1㎳
DC Operation
I
C MAX. (Continuous)
I
C
MAX. (Pulsed)
Collector-Emitter Voltage, V
CE [V]
0
10
203040
5060
0
3
6
9
12
15
300 V
200 V
V
CC = 100 V
Common Emitter
R
L = 15
T
C = 25
Gate Charge, Q
g [ nC ]
0
100
200
300
400
500
600
700
0.1
1
10
80
Single Nonrepetitive
Pulse T
J
≤ 125℃
V
GE =
15V
R
G = 10
Collector-Emitter Voltage, V
CE [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
10
IGBT
:
DIODE :
Rectangular Pulse Duration [sec]


Similar Part No. - FMC6G20US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMC6G10US60 FAIRCHILD-FMC6G10US60 Datasheet
649Kb / 9P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
FMC6G30US60 FAIRCHILD-FMC6G30US60 Datasheet
713Kb / 9P
   Compact & Complex Module
FMC6G50US60 FAIRCHILD-FMC6G50US60 Datasheet
665Kb / 9P
   Compact & Complex Module
More results

Similar Description - FMC6G20US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com