Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMC7G10US60 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FMC7G10US60
Description  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMC7G10US60 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMC7G10US60 Datasheet HTML 1Page - Fairchild Semiconductor FMC7G10US60 Datasheet HTML 2Page - Fairchild Semiconductor FMC7G10US60 Datasheet HTML 3Page - Fairchild Semiconductor FMC7G10US60 Datasheet HTML 4Page - Fairchild Semiconductor FMC7G10US60 Datasheet HTML 5Page - Fairchild Semiconductor FMC7G10US60 Datasheet HTML 6Page - Fairchild Semiconductor FMC7G10US60 Datasheet HTML 7Page - Fairchild Semiconductor FMC7G10US60 Datasheet HTML 8Page - Fairchild Semiconductor FMC7G10US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
FMC7G10US60 Rev. A4
Fig 7. Capacitance Characteristics
Fig 8. Turn-On Characteristics vs.
Gate Resistance
Fig 9. Turn-Off Characteristics vs.
Gate Resistance
Fig 10. Switching Loss vs. Gate Resistance
Fig 11. Turn-On Characteristics vs.
Collector Current
Fig 12. Turn-Off Characteristics vs.
Collector Current
110
0
200
400
600
800
1000
1200
1400
Cres
Coes
Cies
Common Emitter
V
GE = 0V, f = 1MHz
T
C = 25
Collector - Emitter Voltage, V
CE
[V]
10
100
10
100
Common Emitter
V
CC
= 300V, V
GE
= ± 15V
I
C
= 10A
T
C
= 25℃ ━━
T
C = 125
℃ ------
Ton
Tr
Gate Resistance, R
G []
10
100
100
1000
Eoff
Eon
Eoff
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 10A
T
C =
25℃ ━━
T
C = 125
℃ ------
Gate Resistance, R
G []
10
100
100
1000
Toff
Tf
Toff
Tf
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 10A
T
C =
25℃ ━━
T
C = 125
℃ ------
Gate Resistance, R
G []
6
8
10
12
14
16
18
20
10
100
Ton
Tr
Common Emitter
V
GE =
± 15V, R
G = 20
T
C =
25℃ ━━
T
C = 125
℃ ------
Collector Current, I
C [A]
6
8
10
12
14
16
18
20
100
1000
Tf
Toff
Toff
Tf
Common Emitter
V
GE =
± 15V, R
G = 20
T
C =
25℃ ━━
T
C = 125
℃ ------
Collector Current, I
C [A]


Similar Part No. - FMC7G10US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMC7G15US60 FAIRCHILD-FMC7G15US60 Datasheet
659Kb / 9P
   Compact & Complex Module
More results

Similar Description - FMC7G10US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com