Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF32GSSEL-10P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AF32GSSEL-10P
Description  ATP Industrial Grade SlimSATA Embedded Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF32GSSEL-10P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AF32GSSEL-10P Datasheet HTML 3Page - List of Unclassifed Manufacturers AF32GSSEL-10P Datasheet HTML 4Page - List of Unclassifed Manufacturers AF32GSSEL-10P Datasheet HTML 5Page - List of Unclassifed Manufacturers AF32GSSEL-10P Datasheet HTML 6Page - List of Unclassifed Manufacturers AF32GSSEL-10P Datasheet HTML 7Page - List of Unclassifed Manufacturers AF32GSSEL-10P Datasheet HTML 8Page - List of Unclassifed Manufacturers AF32GSSEL-10P Datasheet HTML 9Page - List of Unclassifed Manufacturers AF32GSSEL-10P Datasheet HTML 10Page - List of Unclassifed Manufacturers AF32GSSEL-10P Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Version 2.0
ATP Industrial Grade SlimSATA Embedded Module Specification
2.3 Block Diagram
ATP Industrial Grade SlimSATA Embedded Module consists of below functional blocks.
The
advanced architecture is optimized to provide highest data reliability and transfer performance.
Figure 2
Voltage
Regulator (5V to
3.3V/ 1.8V)
SATA II
controller
SATA
Host
Device
High
Performance
Processor
Core
SRAM
ROM
ECC Engine
Flash
Controller
SLC
NAND Flash
Memory
ATP SATA Embedded Module
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
7
ATP Confidential &Proprietary


Similar Part No. - AF32GSSEL-10P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF32GSSHI-OAAXP ETC1-AF32GSSHI-OAAXP Datasheet
405Kb / 21P
   ATP Industrial Grade mSATA Embedded Module Specification
More results

Similar Description - AF32GSSEL-10P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF4GSSHI-OAAXP ETC1-AF4GSSHI-OAAXP Datasheet
405Kb / 21P
   ATP Industrial Grade mSATA Embedded Module Specification
AF512CFI-7ACXP ETC1-AF512CFI-7ACXP Datasheet
1Mb / 68P
   ATP Industrial Grade CompactFlashCard Specification
AF512UFEDBK ETC1-AF512UFEDBK Datasheet
163Kb / 6P
   ATP Industrial Grade Endura Specification
AF2GCSI-OAAXP ETC1-AF2GCSI-OAAXP Datasheet
848Kb / 23P
   ATP Industrial Grade CFast Card Specification
AF512UDI ETC1-AF512UDI Datasheet
2Mb / 91P
   ATP Industrial Grade microSD Card Specification
AF512SDI ETC1-AF512SDI Datasheet
2Mb / 81P
   ATP Industrial Grade SD Card Specification
AF128UDI ETC1-AF128UDI Datasheet
359Kb / 14P
   ATP Industrial Grade microSD/microSDHC Card Specification
GTM501 ETC2-GTM501 Datasheet
1Mb / 2P
   Embedded module
logo
Vincotech
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com