Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9313WPZ-3 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9313WPZ-3
Description  Linear, 32 Taps, 3 Wire Interface, Terminal VoltagesVCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313WPZ-3 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9313WPZ-3 Datasheet HTML 4Page - Intersil Corporation X9313WPZ-3 Datasheet HTML 5Page - Intersil Corporation X9313WPZ-3 Datasheet HTML 6Page - Intersil Corporation X9313WPZ-3 Datasheet HTML 7Page - Intersil Corporation X9313WPZ-3 Datasheet HTML 8Page - Intersil Corporation X9313WPZ-3 Datasheet HTML 9Page - Intersil Corporation X9313WPZ-3 Datasheet HTML 10Page - Intersil Corporation X9313WPZ-3 Datasheet HTML 11Page - Intersil Corporation X9313WPZ-3 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN8177.6
January 15, 2008
Applications Information
Electronic digitally controlled potentiometers (XDCP) provide
three powerful application advantages:
1. The variability and reliability of a solid-state potentiometer.
2. The flexibility of computer-based digital controls.
3. The retentivity of nonvolatile memory used for the storage
of multiple potentiometer settings or data.
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VW/RW
VR
I
THREE-TERMINAL POTENTIOMETER;
VARIABLE VOLTAGE DIVIDER
TWO-TERMINAL VARIABLE RESISTOR;
VARIABLE CURRENT
VH
VL
CASCADING TECHNIQUES
BUFFERED REFERENCE VOLTAGE
+
+5V
R1
+V
-5V
VW
VREF
VOUT
OP-07
VW
VW/RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
NONINVERTING AMPLIFIER
+
VS
VO
R2
R1
VO = (1 + R2/R1)VS
LM308A
VOLTAGE REGULATOR
R1
R2
Iadj
VO (REG) = 1.25V (1 + R2/R1) + IADJ R2
VO (REG)
VIN
317
OFFSET VOLTAGE ADJUSTMENT
+
VS
VO
R2
R1
100k
Ω
10k
Ω
10k
Ω
10k
Ω
-12V
+12V
TL072
COMPARATOR WITH HYSTERESIS
VUL = [R1/(R1 + R2)] VO(max)
VLL = [R1/(R1 + R2)] VO(min)
+
VS
VO
R2
R1
LT311A
+5V
-5V
(FOR ADDITIONAL CIRCUITS SEE AN115)
X9313


Similar Part No. - X9313WPZ-3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313WPZ-3 INTERSIL-X9313WPZ-3 Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
More results

Similar Description - X9313WPZ-3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Renesas Technology Corp
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
logo
Renesas Technology Corp
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
logo
Mallory performance clu...
PMO-4530PN-47UQ MALLORY-PMO-4530PN-47UQ Datasheet
107Kb / 1P
   Sensitivity Range -47 짹 3 dB RL = 2.2 k Vcc = 2.0v
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com