Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317WV8Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9317WV8Z
Description  Digitally Controlled Potentiometer (XDCP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317WV8Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9317WV8Z Datasheet HTML 2Page - Intersil Corporation X9317WV8Z Datasheet HTML 3Page - Intersil Corporation X9317WV8Z Datasheet HTML 4Page - Intersil Corporation X9317WV8Z Datasheet HTML 5Page - Intersil Corporation X9317WV8Z Datasheet HTML 6Page - Intersil Corporation X9317WV8Z Datasheet HTML 7Page - Intersil Corporation X9317WV8Z Datasheet HTML 8Page - Intersil Corporation X9317WV8Z Datasheet HTML 9Page - Intersil Corporation X9317WV8Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN8183.7
March 7, 2012
Power-up and Down Requirements
The recommended power-up sequence is to apply VCC/VSS
first, then the potentiometer voltages. During power-up, the
data sheet parameters for the DCP do not fully apply until
1ms after VCC reaches its final value. The VCC ramp spec is
always in effect. In order to prevent unwanted tap position
changes, or an inadvertent store, bring the CS and INC high
before or concurrently with the VCC pin on power-up.
AC Timing
Typical Performance Characteristic
CS
INC
U/D
RW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(3)
tIC
tCPHS
tF
tR
10%
90%
90%
tCPHNS
-55
-350
-300
-250
-200
-150
-100
-50
0
-45 -35 -25 -15 -5 5 15 25 35
TEMPERATURE (°C)
45 55 65 75 85 95 105115125
FIGURE 1. TYPICAL TOTAL RESISTANCE TEMPERATURE COEFFICIENT
X9317


Similar Part No. - X9317WV8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WV8Z INTERSIL-X9317WV8Z Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317WV8Z INTERSIL-X9317WV8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317WV8Z RENESAS-X9317WV8Z Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317WV8Z-2.7 INTERSIL-X9317WV8Z-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317WV8Z-2.7 INTERSIL-X9317WV8Z-2.7 Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
More results

Similar Description - X9317WV8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com