Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010NMB-12 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X28C010NMB-12
Description  Protects data against system level inadvertent writes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010NMB-12 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X28C010NMB-12 Datasheet HTML 5Page - Intersil Corporation X28C010NMB-12 Datasheet HTML 6Page - Intersil Corporation X28C010NMB-12 Datasheet HTML 7Page - Intersil Corporation X28C010NMB-12 Datasheet HTML 8Page - Intersil Corporation X28C010NMB-12 Datasheet HTML 9Page - Intersil Corporation X28C010NMB-12 Datasheet HTML 10Page - Intersil Corporation X28C010NMB-12 Datasheet HTML 11Page - Intersil Corporation X28C010NMB-12 Datasheet HTML 12Page - Intersil Corporation X28C010NMB-12 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN8105.1
February 12, 2007
Active Supply Current vs. Ambient Temperature
Standby Supply Current vs. Ambient Temperature
ICC (RD) by Temperature Over Frequency
-55
-10
+125
12
14
16
18
Ambient Temperature (°C)
10
+35
+80
VCC = 5V
-55
-10
+125
0.15
0.2
0.25
0.3
Ambient Temperature (°C)
0.05
+35
+80
VCC = 5V
0.1
03
15
30
40
50
5.0 VCC
Frequency (MHz)
10
69
-55°C
+25°C
12
20
60
+125°C
X28C010, X28HT010


Similar Part No. - X28C010NMB-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010NMB-12 XICOR-X28C010NMB-12 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010NMB-12 INTERSIL-X28C010NMB-12 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
X28C010NMB-12 INTERSIL-X28C010NMB-12 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C010NMB-12 RENESAS-X28C010NMB-12 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010NMB-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE201 ETC2-XE201 Datasheet
1Mb / 4P
   Advanced data integrity protects against silent data corruption
logo
Micross Components
AS29LV016D MICROSS-AS29LV016D Datasheet
374Kb / 40P
   Superior inadvertent write protection
logo
Gennum Corporation
0512TQ GENNUM-0512TQ Datasheet
2Mb / 13P
   Protects Two High-Speed Data Lines
2451ZA GENNUM-2451ZA Datasheet
268Kb / 8P
   Protects one high speed data line
logo
Shanghai Semitech Semic...
ESD0521P SEMITECH-ESD0521P Datasheet
161Kb / 5P
   Protects one data, control or power line
logo
Level One
GNC-0105T LVL1-GNC-0105T Datasheet
521Kb / 4P
   10/100/1000Mbps wire speed transmission and reception IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
FEP-0800 LVL1-FEP-0800 Datasheet
452Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission PoE on/off control per port by dip switches
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
logo
Level One
FEP-1600 LVL1-FEP-1600 Datasheet
495Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FEP-1601 LVL1-FEP-1601 Datasheet
389Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com