Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA2JF8100L Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # DA2JF8100L
Description  Silicon epitaxial planar type For high speed switching circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DA2JF8100L Datasheet(HTML) 3 Page - Panasonic Battery Group

  DA2JF8100L Datasheet HTML 1Page - Panasonic Battery Group DA2JF8100L Datasheet HTML 2Page - Panasonic Battery Group DA2JF8100L Datasheet HTML 3Page - Panasonic Battery Group DA2JF8100L Datasheet HTML 4Page - Panasonic Battery Group DA2JF8100L Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Standards
Fast Recovery Diode
DA2JF8100L
Technical Data ( reference )
Page 3 of 4
IF - VF
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Forward voltage VF (V)
Ta = 125 °C
25 °C
-40 °C
85 °C
IR - VR
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
0
100
200
300
400
500
600
700
800
Reverse voltage VR (V)
Ta = 125 °C
25 °C
85 °C
Ct - VR
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
1020
3040
Reverse voltage VR (V)
Ta = 25 °C
f = 1 MHz
IR value is not exceeding
100 pA at -40 °C
Doc No. TT4-EA-11686
Revision. 3
Established : 2009-10-23
Revised
: 2013-05-31


Similar Part No. - DA2JF8100L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DA2JF81 PANASONIC-DA2JF81 Datasheet
378Kb / 4P
   Silicon epitaxial planar type
More results

Similar Description - DA2JF8100L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DA4X101F0R PANASONIC-DA4X101F0R Datasheet
323Kb / 5P
   Silicon epitaxial planar type For high speed switching circuits
DB3X314K0L PANASONIC-DB3X314K0L Datasheet
342Kb / 4P
   Silicon epitaxial planar type For high speed switching circuits
MAU2D30 PANASONIC-MAU2D30 Datasheet
437Kb / 3P
   Silicon epitaxial planar type For high speed switching circuits
DA26101 PANASONIC-DA26101 Datasheet
409Kb / 3P
   Silicon epitaxial planar type For high speed switching circuits
DA2J10400L PANASONIC-DA2J10400L Datasheet
336Kb / 5P
   Silicon epitaxial planar type For high speed switching circuits
MA5J002E PANASONIC-MA5J002E Datasheet
86Kb / 3P
   Silicon epitaxial planar type For high speed switching circuits
DA2J10100L PANASONIC-DA2J10100L Datasheet
442Kb / 4P
   Silicon epitaxial planar type For high speed switching circuits
October 2012
MA2SD24 PANASONIC-MA2SD24_13 Datasheet
234Kb / 3P
   Silicon epitaxial planar type For super high speed switching
MA2Z001 PANASONIC-MA2Z001 Datasheet
69Kb / 2P
   Silicon epitaxial planar type For switching circuits
DB2U309 PANASONIC-DB2U309 Datasheet
335Kb / 4P
   Silicon epitaxial planar type For high speed switching circuits DB27309 in USSMini2 type package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com