Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317ZV8Z-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9317ZV8Z-2.7
Description  Digitally Controlled Potentiometer (XDCP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317ZV8Z-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X9317ZV8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN8183.7
March 7, 2012
Endurance and Data Retention VCC = 5V ±10%, TA = Full Operating Temperature Range.
PARAMETER
MIN
UNIT
Minimum Endurance
100,000
Data changes per bit
Data Retention
100
Years
NOTES:
4. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = [V(RW(n)(actual))-V(RW(n)(expected))]/MI
V(RW(n)(expected)) = n(V(RH)-V(RL))/99 + V(RL), with n from 0 to 99.
5. Relative linearity is a measure of the error in step size between taps = [V(RW(n+1))-(V(RW(n)) - MI)]/MI.
6. 1 Ml = Minimum Increment = [V(RH)-V(RL)]/99.
7. Typical values are for TA = +25°C and nominal supply voltage.
8. This parameter is not 100% tested.
9. Ratiometric temperature coefficient = (V(RW)T1(n)-V(RW)T2(n))/[V(RW)T1(n)(T1-T2) x 10
6], with T1 and T2 being 2 temperatures, and n from 0
to 99.
10. Measured with wiper at tap position 99, RL grounded, using test circuit.
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Test Circuit
Equivalent Circuit
FORCE
CURRENT
TEST POINT
RW
CH
CL
RW
10pF
10pF
RTOTAL
CW
25pF
RH
RL
AC Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
AC Electrical Specifications
VCC = 5V ±10%, TA = Full Operating Temperature Range, unless otherwise stated.
SYMBOL
PARAMETER
MIN
(Note 11)
TYP
(Note 7)
MAX
(Note 11)
UNIT
tCl
CS to INC Setup
50
ns
tlD (Note 8)
INC HIGH to U/D Change
100
ns
tDI (Note 8)
U/D to INC Setup
1
µs
tlL
INC LOW Period
960
ns
tlH
INC HIGH Period
960
ns
tlC
INC Inactive to CS Inactive
1
µs
tCPHS
CS Deselect Time (STORE)
10
ms
tCPHNS
(Note 8)
CS Deselect Time (NO STORE)
100
ns
tIW
INC to RW Change
1
5
µs
tCYC
INC Cycle Time
2
µs
tR, tF
(Note 8)
INC Input Rise and Fall Time
500
µs
tPU (Note 8)
Power-up to Wiper Stable
5µs
tR VCC
(Note 8)
VCC Power-up Rate
0.2
50
V/ms
tWR
Store Cycle
510
ms
X9317


Similar Part No. - X9317ZV8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317ZV8Z-2.7 INTERSIL-X9317ZV8Z-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
More results

Similar Description - X9317ZV8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com