Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317WM8IZ-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9317WM8IZ-2.7
Description  Digitally Controlled Potentiometer (XDCP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317WM8IZ-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9317WM8IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9317WM8IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9317WM8IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9317WM8IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9317WM8IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9317WM8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9317WM8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9317WM8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9317WM8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN8183.7
March 7, 2012
Absolute Maximum Ratings
Thermal Information
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±8.8mA
RH, RW, RL to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+6V
Voltage on CS, INC, U/D and VCC
with Respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Junction Temperature Under Bias . . . . . . . . . . . . . . -65
°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Potentiometer SpecificationsVCC = Full Range, TA = Full Operating Temperature Range, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
MIN
(Note 11)
TYP
(Note 7)
MAX
(Note 11)
UNIT
RTOTAL
End-to-end Resistance Tolerance
See “Ordering Information” beginning on
page 2 for values
-20
+20
%
VRH/RL
RH/RL Terminal Voltage
VSS = 0V
VSS
VCC
V
Power Rating
RTOTAL ≥ 10kΩ
10
mW
RTOTAL = 1kΩ
25
mW
RW
Wiper Resistance
IW = [V(RH) - V(RL)]/ RTOTAL, VCC = 5V
200
400
Ω
IW = [V(RH) - V(RL)]/ RTOTAL, VCC = 2.7V
400
1000
Ω
IW
Wiper Current (Note 8)
See “Test Circuit” on page 5
-4.4
+4.4
mA
Noise (Note 10)
Ref: 1kHz
-120
dBV
Resolution
1%
Absolute Linearity (Note 4)
V(RH) = VCC, V(RL) = 0V
-1
+1
MI
(Note 6)
Relative Linearity (Note 5)
V(RH) = VCC, V(RL) = 0V
-0.2
+0.2
MI
(Note 6)
RTOTAL Temperature Coefficient (Note 8) V(RH) = VCC, V(RL) = 0V
±300
ppm/°C
Ratiometric Temperature Coefficient
(Notes 8, 9)
±20
ppm/°C
CH/CL/CW
(Note 8)
Potentiometer Capacitances
See “Equivalent Circuit” on page 5
10/10/25
pF
VCC
Supply Voltage
X9317
4.5
5.5
V
X9317-2.7
2.7
5.5
V
DC Electrical Specifications
VCC = 5V ±10%, TA = Full Operating Temperature Range, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 11)
TYP
(Note 7)
MAX
(Note 11)
UNIT
ICC1
VCC Active Current (Increment)
CS = VIL, U/D = VIL or VIH and
INC =VIL/VIH @ min. tCYC
RL, RH, RW not connected
80
µA
ICC2
VCC Active Current (Store)
(non-volatile write)
CS = VIH, U/D = VIL or VIH and INC = VIL
or VIH. RL, RH, RW not connected
400
µA
ISB
Standby Supply Current
CS
≥ VIH, U/D and INC =VIL
RL, RH, RW not connected
5µA
ILI
CS, INC, U/D Input Leakage Current
VIN = VSS to VCC
-10
+10
µA
VIH
CS, INC, U/D Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VIL
CS, INC, U/D Input LOW Voltage
-0.5
VCC x 0.1
V
CIN (Note 8)
CS, INC, U/D Input Capacitance
VCC = 5V, VIN = VSS, TA = +25°C,
f=1MHz
10
pF
X9317


Similar Part No. - X9317WM8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8IZ-2.7 INTERSIL-X9317WM8IZ-2.7 Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317WM8IZ-2.7 RENESAS-X9317WM8IZ-2.7 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317WM8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com