Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA-330 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CA-330
Description  Aluminium enclosures CA series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CA-330 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CA-330 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA-330 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-330 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-330 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-330 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-330 Datasheet HTML 10Page - List of Unclassifed Manufacturers CA-330 Datasheet HTML 11Page - List of Unclassifed Manufacturers CA-330 Datasheet HTML 12Page - List of Unclassifed Manufacturers CA-330 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
306
250 x 80 x 57 mm
CA-190
Aluminium enclosure
Type
Weight
(g)
External dimensions
(mm)
Complete enclosures
Coated, with gasket and lid screws
Coated, with gasket and hex. socket head screws
Coated, with silicone gasket and lid screws
Coated, with HF gasket and lid screws
Saltwater-proof coating, with gasket and lid screws
Saltwater-proof coating, passivated, lid screws with gasket
Unwashed, unpainted, no accessories
Accessories (separate or as a mounting set)
Mounting plate
TS 15 mounting rail
TS 32 mounting rail
TS 35 mounting rail
Grounding rail
External attachment brackets
External hinges side
Internal hinges with lid guiding**
Silicone gasket for wider temperature range (piece goods)
Max. Pg threads
122 x 122 x 80 mm
CA-210
Aluminium enclosure
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
CA-190
710
250 x 80 x 57
Part number
119.0.0000.00
l
119.0.0480.00
119.0.0080.00
119.0.0100.00
119.0.0060.00
119.0.0260.00
982.3.0210.00
l
982.0.0190.00
l
980.1.0440.00
l
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
22
9750000
Side C/D
32100000
** mechanical enclosure machining required
l = kept in stock
CA-210
940
122 x 122 x 80
Part number
121.0.0000.00
l
121.0.0010.00
121.0.0150.00
121.0.0080.00
121.0.0100.00
121.0.0060.00
121.0.0160.00
951.1.1500.00
l
982.1.0000.00
l
982.2.0010.00
981.0.0020.00
982.4.0240.00
l
980.1.0470.00
l
980.1.0310.00
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
12
6422000
Side C/D
52210000
** mechanical enclosure machining required
l = kept in stock
LID
BASE
LID
BASE


Similar Part No. - CA-330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA-300 ETC2-CA-300 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson ToYoCom
CA-301 EPSONTOYOCOM-CA-301 Datasheet
288Kb / 2P
   CYLINDER
CA-301 EPSONTOYOCOM-CA-301 Datasheet
202Kb / 1P
   CYLINDER
logo
Epson Company
CA-301 EPSON-CA-301 Datasheet
380Kb / 2P
   MHz RANGE CRYSTAL UNIT
More results

Similar Description - CA-330

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
   Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
   IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com