Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5447DC-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5447DC-T1-E3
Description  P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5447DC-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5447DC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5447DC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5447DC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5447DC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5447DC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5447DC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5447DC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI5447DC-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI5447DC-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 71256
S09-0129-Rev. C, 02-Feb-09
Vishay Siliconix
Si5447DC
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V
- 1
µA
VDS = - 16 V, VGS = 0 V, TJ = 85 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 15
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 3.5 A
0.064
0.076
Ω
VGS = - 2.5 V, ID = - 2.9 A
0.091
0.110
VGS = - 1.8 V, ID = - 1 A
0.130
0.160
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 3.5 A
9S
Diode Forward Voltagea
VSD
IS = - 1.1 A, VGS = 0 V
- 0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 4.5 V, ID = - 3.5 A
6.5
10
nC
Gate-Source Charge
Qgs
1.4
Gate-Drain Charge
Qgd
1.3
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 10 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, RG = 6 Ω
14
21
ns
Rise Time
tr
29
45
Turn-Off Delay Time
td(off)
42
65
Fall Time
tf
35
55
Source-Drain Reverse Recovery Time
trr
IF = - 1.1 A, dI/dt = 100 A/µs
30
60
Output Characteristics
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 5 thru3V
VDS - Drain-to-Source Voltage (V)
1.5 V
2V
1V
2.5 V
Transfer Characteristics
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = - 55 °C
125
°C
25
°C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI5447DC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5447DC-T1 VISHAY-SI5447DC-T1 Datasheet
117Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 05-Aug-02
SI5447DC-T1 VISHAY-SI5447DC-T1 Datasheet
138Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 05-Aug-02
More results

Similar Description - SI5447DC-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com