Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317TM8IZ-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9317TM8IZ-2.7
Description  Digitally Controlled Potentiometer (XDCP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317TM8IZ-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9317TM8IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9317TM8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9317TM8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9317TM8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9317TM8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9317TM8IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X9317TM8IZ-2.7 Datasheet HTML 11Page - Intersil Corporation X9317TM8IZ-2.7 Datasheet HTML 12Page - Intersil Corporation X9317TM8IZ-2.7 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN8183.7
March 7, 2012
X9317
Package Outline Drawing
M8.173
8 LEAD THIN SHRINK SMALL OUTLINE PACKAGE (TSSOP)
Rev 2, 01/10
NOTES:
END VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
B
A
C
PLANE
SEATING
0.10 C
0.10
C B A
H
3.0 ±0.5
4.40 ±0.10
0.25 +0.05/-0.06
6.40
0.20 C B A
0.05
0°-8°
GAUGE
PLANE
SEE DETAIL "X"
0.90 +0.15/-0.10
0.60 ±0.15
0.09-0.20
6
3
4
2
4
1.00 REF
0.65
1.20 MAX
0.25
0.05 MIN
0.15 MAX
(5.65)
(0.65 TYP)
(0.35 TYP)
(1.45)
1
C
L
PIN 1
ID MARK
4
5
8
PACKAGE BODY
OUTLINE
SIDE VIEW
2. Dimension does not include mold flash, protrusions or
gate burrs. Mold flash, protrusions or gate burrs shall
3. Dimension does not include interlead flash or protrusion.
Interlead flash or protrusion shall not exceed 0.15 per side.
4. Dimensions are measured at datum plane H.
not exceed 0.15 per side.
5. Dimensioning and tolerancing per ASME Y14.5M-1994.
6. Dimension on lead width does not include dambar protrusion.
Allowable protrusion shall be 0.08 mm total in excess of
dimension at maximum material condition. Minimum space
between protrusion and adjacent lead is 0.07mm.
7. Conforms to JEDEC MO-153, variation AC. Issue E
Dimensions in (
) for Reference Only.
1. Dimensions are in millimeters.


Similar Part No. - X9317TM8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317TM8IZ-2.7 INTERSIL-X9317TM8IZ-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317TM8IZ-2.7 INTERSIL-X9317TM8IZ-2.7 Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317TM8IZ-2.7 RENESAS-X9317TM8IZ-2.7 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317TM8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com