Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXT5006D Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPXT5006D
Description  INTEGRATED PRESSURE SENSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXT5006D Datasheet(HTML) 1 Page - Motorola, Inc

  MPXT5006D Datasheet HTML 1Page - Motorola, Inc MPXT5006D Datasheet HTML 2Page - Motorola, Inc MPXT5006D Datasheet HTML 3Page - Motorola, Inc MPXT5006D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Sensor Device Data
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPXT5006D series piezoresistive transducer is a state–of–the–art monolithic
silicon pressure sensor designed for a wide range of applications, but particularly those
employing a microcontroller or microprocessor with A/D inputs. This sensor combines a
highly sensitive implanted strain gauge with advanced micromachining techniques,
thin–film metallization, and bipolar processing to provide an accurate, high level analog
output signal that is proportional to the applied pressure.
Features
• Temperature Compensated over 10° to 60°C
• Ideally Suited for Microprocessor or Microcontroller–Based Systems
• Available in Gauge Configurations
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
3
X–ducer
SENSING
ELEMENT
1
Vout
2
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
MAXIMUM RATINGS(1)
Parametrics
Symbol
Value
Unit
Overpressure(2) (P1 > P2)
Pmax
10
kPa
Burst Pressure(2) (P1 > P2)
Pburst
60
kPa
Storage Temperature
Tstg
– 30 to +100
°C
Operating Temperature
TA
+10 to +60
°C
1. TC = 25°C unless otherwise noted.
2. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Senseon and X–ducer are trademarks of Motorola, Inc.
Order this document
by MPXT5006D/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
MPXT5006D
SERIES
INTEGRATED
PRESSURE SENSOR
0 to 6 kPa (0 to 0.87 psi)
0.2 to 4.7 V OUTPUT
PIN NUMBER
NOTE: Pin 4 is an internal device
connection. Do not connect to
external circuitry or ground. Pin 1 is
noted by the notch in the Lead.
TOP PISTON FIT — SNAP PORT
CASE 473B–01, STYLE 1
1
2
Vout
Gnd
3
4
VS
N/C
TOP PISTON FIT PACKAGE
CASE 473A–01, STYLE 3


Similar Part No. - MPXT5006D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXT2010 MOTOROLA-MPXT2010 Datasheet
91Kb / 4P
   COMPENSATED PRESSURE SENSOR
MPXT2010G7U MOTOROLA-MPXT2010G7U Datasheet
91Kb / 4P
   COMPENSATED PRESSURE SENSOR
MPXT4100 MOTOROLA-MPXT4100 Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
MPXT4100A7U MOTOROLA-MPXT4100A7U Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
MPXT4101A7U MOTOROLA-MPXT4101A7U Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
More results

Similar Description - MPXT5006D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXA6115A MOTOROLA-MPXA6115A Datasheet
404Kb / 12P
   INTEGRATED PRESSURE SENSOR
MPXS4100A MOTOROLA-MPXS4100A Datasheet
94Kb / 6P
   INTEGRATED PRESSURE SENSOR
logo
Freescale Semiconductor...
MPX4100 FREESCALE-MPX4100 Datasheet
236Kb / 10P
   INTEGRATED PRESSURE SENSOR
logo
Motorola, Inc
MPXV4006G MOTOROLA-MPXV4006G Datasheet
314Kb / 12P
   INTEGRATED PRESSURE SENSOR
logo
List of Unclassifed Man...
HDPM01 ETC2-HDPM01 Datasheet
1Mb / 19P
   Integrated pressure sensor
logo
TE Connectivity Ltd
MS5525DSO TEC-MS5525DSO Datasheet
1Mb / 22P
   Integrated Digital Pressure Sensor
logo
ELMOS Semiconductor AG
E777.01 ELMOS-E777.01 Datasheet
138Kb / 1P
   Co-integrated pressure sensor
logo
Melexis Microelectronic...
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
   Absolute Integrated Pressure Sensor
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
logo
JL World Company Limite...
MPS-301A JLWORLD-MPS-301A Datasheet
3Mb / 9P
   Integrated, Absolute Pressure Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com