Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5963ALZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5963ALZ
Description  Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5963ALZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-5963ALZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HFBR-5963LZ/ALZ
Multimode Small Form Factor Transceivers for ATM, FDDI, Fast
Ethernet and SONET OC-3/SDH STM-1 with LC Connector
Datasheet
Description
The HFBR-5963xxZ transceiver provides the system
designer with a product to implement a range of
solutions for multimode fiber Fast Ethernet and
SONET OC-3 (SDH STM-1) physical layers for ATM
and other services.
This transceiver is supplied in the industry
standard 2 x 5 DIP style with an LC fiber connector
interface with an external connector shield.
Transmitter Section
The transmitter section of the HFBR-5963xxZ
utilizes a 1300 nm InGaAsP LED. This LED is
packaged in the optical subassembly portion of the
transmitter section. It is driven by a custom silicon
IC which converts differential PECL logic signals,
ECL referenced (shifted) to a +3.3 V supply, into
an analog LED drive current.
Features
RoHS compliant
Multisourced 2 x 5 package style
Operates with 62.5/125 mm and 50/125 mm multimode
fiber
Single +3.3 V power supply
Wave solder and aqueous wash process compatibility
Manufactured in an ISO 9001 certified facility
Full compliance with ATM Forum
UNI SONET OC-3 multimode fiber physical layer
specification
Full compliance with the optical performance
requirements of the FDDI PMD standard
Full compliance with the optical performance
requirements of 100Base-FX version of IEEE802.3u
+3.3 V TTL signal detect output
Temperature range:
0 °C to +70 °C
HFBR-5963LZ
-40 °C to +85 °C
HFBR-5963ALZ
Applications
SONET/SDH equipment interconnect, OC-3/SDH STM-
1 rate
Fast Ethernet
Multimode fiber ATM backbone links


Similar Part No. - HFBR-5963ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963ALZ AVAGO-HFBR-5963ALZ Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
More results

Similar Description - HFBR-5963ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
HFBR-57E0APZ AVAGO-HFBR-57E0APZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
HFBR-57E0LZ AVAGO-HFBR-57E0LZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Broadcom Corporation.
HFBR-57E5APZ BOARDCOM-HFBR-57E5APZ Datasheet
569Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com