Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5963ALZ Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5963ALZ
Description  Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5963ALZ Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-5963ALZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Figure 1. Block Diagram
DATA OUT
SIGNAL
DETECT
DATA IN
QUANTIZER IC
LED DRIVER IC
PIN PHOTODIODE
PRE-AMPLIFIER
SUBASSEMBLY
LED
OPTICAL
SUBASSEMBLY
DATA OUT
DATA IN
LC
RECEPTACLE
R
X SUPPLY
T
X SUPPLY
R
X GROUND
T
X GROUND
Receiver Section
The receiver section of the HFBR-5963xxZ utilizes
an InGaAs PIN photodiode coupled to a custom
silicon transimpedance preamplifier IC.
It is
packaged in the optical subassembly portion of the
receiver.
This PIN/preamplifier combination is coupled to a
custom quantizer IC which provides the final pulse
shaping for the logic output and the signal detect
function. The data output is differential. The data
outputisPECLcompatible,ECLreferenced(shifted)
to a +3.3 V power supply. The receiver outputs,
data output and data out bar, are squelched at
signal detect deassert. The signal detect output is
single ended. The signal detect circuit works by
sensing the level of the received signal and
comparing this level to a reference. The SD output
is +3.3 V TTL.
Package
TheoverallpackageconceptfortheAvagotransceiver
consists of three basic elements; the two optical
subassemblies, an electrical subassembly, and the
housing as illustrated in the block diagram in
Figure 1.
The package outline drawing and pin out are
shown in Figures 2 and 5.
The details of this
package outline and pin out are compliant with the
multisource definition of the 2 x 5 DIP. The low
profile of the Avago transceiver design complies
with the maximum height allowed for the LC
connector over the entire length of the package.
The optical subassemblies utilize a high-volume
assembly process together with low-cost lens
elements which result in a cost- effective building
block.
The electrical subassembly consists of a high
volume multilayer printed circuit board on which
the ICs and various surface-mounted passive
circuit elements are attached.
The receiver section includes an internal shield for
the electrical and optical subassemblies to ensure
high immunity to external EMI fields.
The outer housing including the LC ports is molded
offillednonconductiveplastictoprovidemechanical
strength. The solder posts of the Avago design are
isolated from the internal circuit of the transceiver.
The transceiver is attached to a printed circuit
board with the ten signal pins and the two solder
posts which exit the bottom of the housing. The
two solder posts provide the primary mechanical
strength to withstand the loads imposed on the
transceiver by mating with the LC connector fiber
cables.


Similar Part No. - HFBR-5963ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963ALZ AVAGO-HFBR-5963ALZ Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
More results

Similar Description - HFBR-5963ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
HFBR-57E0APZ AVAGO-HFBR-57E0APZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
HFBR-57E0LZ AVAGO-HFBR-57E0LZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Broadcom Corporation.
HFBR-57E5APZ BOARDCOM-HFBR-57E5APZ Datasheet
569Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com