Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2041DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2041DR
Description  POWER-DISTRIBUTION SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2041DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2041DR Datasheet HTML 7Page - Texas Instruments TPS2041DR Datasheet HTML 8Page - Texas Instruments TPS2041DR Datasheet HTML 9Page - Texas Instruments TPS2041DR Datasheet HTML 10Page - Texas Instruments TPS2041DR Datasheet HTML 11Page - Texas Instruments TPS2041DR Datasheet HTML 12Page - Texas Instruments TPS2041DR Datasheet HTML 13Page - Texas Instruments TPS2041DR Datasheet HTML 14Page - Texas Instruments TPS2041DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPS2041, TPS2051
POWER-DISTRIBUTION SWITCHES
SLVS172A –AUGUST 1998 – REVISED APRIL 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
70
60
50
–50
–25
0
25
50
80
90
SUPPLY CURRENT, OUTPUT ENABLED
vs
JUNCTION TEMPERATURE
100
75
100
125
150
TJ – Junction Temperature – °C
VI(IN) = 5.5 V
VI(IN) = 5 V
VI(IN) = 4 V
VI(IN) = 3.3 V
VI(IN) = 2.7 V
Figure 17
500
300
100
–100
–50
–25
0
25
50
75
700
900
SUPPLY CURRENT, OUTPUT DISABLED
vs
JUNCTION TEMPERATURE
1000
100
125
150
800
600
400
200
0
TJ – Junction Temperature – °C
VI(IN) = 5.5 V
VI(IN) = 5 V
VI(IN) = 4 V
VI(IN) = 2.7 V
Figure 18
70
60
50
2.5
3
3.5
4
4.5
80
90
SUPPLY CURRENT, OUTPUT ENABLED
vs
INPUT VOLTAGE
100
5
5.5
6
VI – Input Voltage – V
TJ = –40°C
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = 0°C
Figure 19
400
200
0
–200
2.5
3
3.5
4
4.5
600
800
SUPPLY CURRENT, OUTPUT DISABLED
vs
INPUT VOLTAGE
1000
5
5.5
6
VI – Input Voltage – V
TJ = –40°C
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = 0°C


Similar Part No. - TPS2041DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2041DR TI1-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2041DRG4 TI1-TPS2041DRG4 Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2041DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com