Electronic Components Datasheet Search |
|
FM93C56LVMT8 Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
FM93C56LVMT8 Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 16 page 5 www.fairchildsemi.com FM93CS56 Rev. C.1 Pin Description Chip Select (CS) This is an active high input pin to FM93CS56 EEPROM (the device) and is generated by a master that is controlling the device. A high level on this pin selects the device and a low level deselects the device. All serial communications with the device is enabled only when this pin is held high. However this pin cannot be permanently tied high, as a rising edge on this signal is required to reset the internal state-machine to accept a new cycle and a falling edge to initiate an internal programming after a write cycle. All activity on the SK, DI and DO pins are ignored while CS is held low. Serial Clock (SK) This is an input pin to the device and is generated by the master that is controlling the device. This is a clock signal that synchronizes the communication between a master and the device. All input informa- tion (DI) to the device is latched on the rising edge of this clock input, while output data (DO) from the device is driven from the rising edge of this clock input. This pin is gated by CS signal. Serial Input (DI) This is an input pin to the device and is generated by the master that is controlling the device. The master transfers Input informa- tion (Start bit, Opcode bits, Array addresses and Data) serially via this pin into the device. This Input information is latched on the rising edge of the SCK. This pin is gated by CS signal. Serial Output (DO) This is an output pin from the device and is used to transfer Output data via this pin to the controlling master. Output data is serially shifted out on this pin from the rising edge of the SCK. This pin is active only when the device is selected. Protect Register Enable (PRE) This is an active high input pin to the device and is used to distinguish operations to memory array and operations to Protect Register. When this pin is held low, operations to the memory array are enabled. When this pin is held high, operations to the Protect Register are enabled. This pin operates in conjunction with PE pin. Refer Table1 for functional matrix of this pin for various operations. Program Enable (PE) This is an active high input pin to the device and is used to enable operations, that are write in nature, to the memory array and to the Protect register. When this pin is held high, operations that are “write” in nature are enabled. When this pin is held low, operations that are “write” in nature are disabled. This pin operates in conjunction with PRE pin. Refer Table1 for functional matrix of this pin for various operations. Microwire Interface A typical communication on the Microwire bus is made through the CS, SK, DI and DO signals. To facilitate various operations on the Memory array and on the Protect Register, a set of 10 instructions are implemented on FM93CS56. The format of each instruction is listed in Table 1. Instruction Each of the above 10 instructions is explained under individual instruction descriptions. Start Bit This is a 1-bit field and is the first bit that is clocked into the device when a Microwire cycle starts. This bit has to be “1” for a valid cycle to begin. Any number of preceding “0” can be clocked into the device before clocking a “1”. Opcode This is a 2-bit field and should immediately follow the start bit. These two bits (along with PRE, PE signals and 2 MSB of address field) select a particular instruction to be executed. Address Field This is a 8-bit field and should immediately follow the Opcode bits. In FM93CS56, only the LSB 7 bits are used for address decoding during READ, WRITE and PRWRITE instructions. During these three instructions (READ, WRITE and PRWRITE), the MSB is “don’t care” (can be 0 or 1). During all other instructions (with the exception of PRREAD), the MSB 2 bits are used to decode instruction (along with Opcode bits, PRE and PE signals). Data Field This is a 16-bit field and should immediately follow the Address bits. Only the WRITE and WRALL instructions require this field. D15 (MSB) is clocked first and D0 (LSB) is clocked last (both during writes as well as reads). TABLE 1. Instruction set Instruction Start Bit Opcode Field Address Field Data Field PRE Pin PE Pin READ 1 10 X A6 A5 A4 A3 A2 A1 A0 0 X WEN 1 00 1 1 X X XXXX 0 1 WRITE 1 01 X A6 A5 A4 A3 A2 A1 A0 D15-D0 0 1 WRALL 1 00 0 1 X X XXXX D15-D0 0 1 WDS 1 00 0 0 X X XXXX 0 X PRREAD 1 10 XXXX XXXX 1 X PREN 1 00 1 1 X X XXXX 1 1 PRCLEAR 1 11 11111111 1 1 PRWRITE 1 01 X A6 A5 A4 A3 A2 A1 A0 1 1 PRDS 1 00 00000000 1 1 |
Similar Part No. - FM93C56LVMT8 |
|
Similar Description - FM93C56LVMT8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |