Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76912QDBVRG4Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS76912QDBVRG4Q1
Description  Ultralow-Power 100-mA Low-Dropout Linear Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76912QDBVRG4Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS76912QDBVRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 9Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 10Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 11Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 12Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 13Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IO − Output Current − mA
1
100
10
V IN = 4.3 V
C O = 10 µF
3.3 V LDO
Region of Instability
Region of Stability
0.1
0
25
50
75
100
0.2
Added Ceramic Capacitance − µF
1
100
10
Region of Instability
Region of Stability
V IN = 4.3 V
C O = 10 µF
IL = 100 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1
0
100
IO − Output Current − mA
10
Region of Instability
V IN = 4.3 V
C O = 4.7 µF
3.3 V LDO
0.1
Region of Stability
25
50
75
100
0.2
Added Ceramic Capacitance − µF
1
100
10
Region of Instability
Region of Stability
V IN = 4.3 V
C O = 4.7 µF
IL = 100 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
TPS76901-Q1, TPS76912-Q1, TPS76915-Q1
TPS76918-Q1, TPS76925-Q1, TPS76927-Q1
TPS76928-Q1, TPS76930-Q1, TPS76933-Q1, TPS76950-Q1
SGLS118C – DECEMBER 2001 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SPACE
SPACE
SPACE
SPACE
TPS76933-Q1 TYPICAL REGIONS OF STABILITY
TPS76933-Q1 TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
EQUIVALENT SERIES RESISTANCE (ESR)
vs
vs
OUTPUT CURRENT
ADDED CERAMIC CAPACITANCE
Figure 17.
Figure 18.
SPACE
SPACE
SPACE
SPACE
TPS76933-Q1 TYPICAL REGIONS OF STABILITY
TPS76933-Q1 TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
EQUIVALENT SERIES RESISTANCE (ESR)
vs
vs
OUTPUT CURRENT
ADDED CERAMIC CAPACITANCE
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2001–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS76901-Q1 TPS76912-Q1 TPS76915-Q1 TPS76918-Q1 TPS76925-Q1 TPS76927-Q1
TPS76928-Q1 TPS76930-Q1 TPS76933-Q1 TPS76950-Q1


Similar Part No. - TPS76912QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76912QDBVRG4Q1 TI1-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS76912QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com