Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76912QDBVRG4Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS76912QDBVRG4Q1
Description  Ultralow-Power 100-mA Low-Dropout Linear Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76912QDBVRG4Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS76912QDBVRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 9Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 10Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 11Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 12Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 13Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 14Page - Texas Instruments TPS76912QDBVRG4Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
C1
1 µF
NC/FB
OUT
1
3
IN
EN
GND
2
4
5
VI
ESR = 0.2
VO
4.7 µF
+
TPS769xx-Q1
TPS76901-Q1, TPS76912-Q1, TPS76915-Q1
TPS76918-Q1, TPS76925-Q1, TPS76927-Q1
TPS76928-Q1, TPS76930-Q1, TPS76933-Q1, TPS76950-Q1
www.ti.com
SGLS118C – DECEMBER 2001 – REVISED JUNE 2012
APPLICATION INFORMATION
The TPS769xx-Q1 family of low-dropout (LDO) regulators are optimized for use in battery-operated equipment
and automotive applications. They feature extremely low dropout voltages, low quiescent current (17 µA
nominally), and enable inputs to reduce supply currents to 1 µA when the regulators are turned off.
Device Operation
The TPS769xx-Q1 uses a PMOS pass element to dramatically reduce both dropout voltage and supply current
over more conventional PNP-pass-element LDO designs. The PMOS pass element is a voltage-controlled device
and, unlike a PNP transistor, it does not require increased drive current as output current increases. Supply
current in the TPS769xx-Q1 is essentially constant from no load to maximum load.
Current limiting and thermal protection prevent damage by excessive output current and/or power dissipation.
The device switches into a constant-current mode at approximately 350 mA; further load reduces the output
voltage instead of increasing the output current. The thermal protection shuts the regulator off if the junction
temperature rises above approximately 165°C. Recovery is automatic when the junction temperature drops
approximately 25°C below the high temperature trip point. The PMOS pass element includes a back gate diode
that conducts reverse current when the input voltage level drops below the output voltage level.
A voltage of 1.7 V or greater on the EN input will disable the TPS769xx-Q1 internal circuitry, reducing the supply
current to 1 µA. A voltage of less than 0.9 V on the EN input will enable the TPS769xx and will enable normal
operation to resume. The EN input does not include any deliberate hysteresis, and it exhibits an actual switching
threshold of approximately 1.5 V.
A typical application circuit is shown in Figure 21.
TPS76912-Q1, TPS76915-Q1, TPS76918-Q1, TPS76925-Q1, TPS76927-Q1, TPS76928-Q1, TPS76930-Q1,
TPS76933-Q1, TPS76950-Q1 (fixed-voltage options).
Figure 21. Typical Application Circuit
External Capacitor Requirements
Although not required, a 0.047-µF or larger ceramic input bypass capacitor, connected between IN and GND and
located close to the TPS769xx-Q1, is recommended to improve transient response and noise rejection. A higher-
value electrolytic input capacitor may be necessary if large, fast-rise-time load transients are anticipated and the
device is located several inches from the power source.
Like all low dropout regulators, the TPS769xx-Q1 requires an output capacitor connected between OUT and
GND to stabilize the internal control loop. The minimum recommended capacitance is 4.7 µF. The ESR
(equivalent series resistance) of the capacitor should be between 0.2
Ω and 10 Ω. to ensure stability. Capacitor
values larger than 4.7 µF are acceptable, and allow the use of smaller ESR values. Capacitances less than 4.7
µF are not recommended because they require careful selection of ESR to ensure stability. Solid tantalum
Copyright © 2001–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS76901-Q1 TPS76912-Q1 TPS76915-Q1 TPS76918-Q1 TPS76925-Q1 TPS76927-Q1
TPS76928-Q1 TPS76930-Q1 TPS76933-Q1 TPS76950-Q1


Similar Part No. - TPS76912QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76912QDBVRG4Q1 TI1-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS76912QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com