Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM93CS56LVMT8 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM93CS56LVMT8
Description  (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93CS56LVMT8 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM93CS56LVMT8 Datasheet HTML 1Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 2Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 3Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 4Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 5Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 6Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 7Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 8Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
www.fairchildsemi.com
FM93CS56 Rev. C.1
Pin Description
Chip Select (CS)
This is an active high input pin to FM93CS56 EEPROM (the device)
and is generated by a master that is controlling the device. A high
level on this pin selects the device and a low level deselects the
device. All serial communications with the device is enabled only
when this pin is held high. However this pin cannot be permanently
tied high, as a rising edge on this signal is required to reset the
internal state-machine to accept a new cycle and a falling edge to
initiate an internal programming after a write cycle. All activity on the
SK, DI and DO pins are ignored while CS is held low.
Serial Clock (SK)
This is an input pin to the device and is generated by the master that
is controlling the device. This is a clock signal that synchronizes the
communication between a master and the device. All input informa-
tion (DI) to the device is latched on the rising edge of this clock input,
while output data (DO) from the device is driven from the rising edge
of this clock input. This pin is gated by CS signal.
Serial Input (DI)
This is an input pin to the device and is generated by the master
that is controlling the device. The master transfers Input informa-
tion (Start bit, Opcode bits, Array addresses and Data) serially via
this pin into the device. This Input information is latched on the
rising edge of the SCK. This pin is gated by CS signal.
Serial Output (DO)
This is an output pin from the device and is used to transfer Output
data via this pin to the controlling master. Output data is serially
shifted out on this pin from the rising edge of the SCK. This pin is
active only when the device is selected.
Protect Register Enable (PRE)
This is an active high input pin to the device and is used to
distinguish operations to memory array and operations to Protect
Register. When this pin is held low, operations to the memory
array are enabled. When this pin is held high, operations to the
Protect Register are enabled. This pin operates in conjunction
with PE pin. Refer Table1 for functional matrix of this pin for
various operations.
Program Enable (PE)
This is an active high input pin to the device and is used to enable
operations, that are write in nature, to the memory array and to the
Protect register. When this pin is held high, operations that are
“write” in nature are enabled. When this pin is held low, operations
that are “write” in nature are disabled. This pin operates in
conjunction with PRE pin. Refer Table1 for functional matrix of this
pin for various operations.
Microwire Interface
A typical communication on the Microwire bus is made through the
CS, SK, DI and DO signals. To facilitate various operations on the
Memory array and on the Protect Register, a set of 10 instructions
are implemented on FM93CS56. The format of each instruction is
listed in Table 1.
Instruction
Each of the above 10 instructions is explained under individual
instruction descriptions.
Start Bit
This is a 1-bit field and is the first bit that is clocked into the device
when a Microwire cycle starts. This bit has to be “1” for a valid cycle
to begin. Any number of preceding “0” can be clocked into the
device before clocking a “1”.
Opcode
This is a 2-bit field and should immediately follow the start bit.
These two bits (along with PRE, PE signals and 2 MSB of address
field) select a particular instruction to be executed.
Address Field
This is a 8-bit field and should immediately follow the Opcode bits.
In FM93CS56, only the LSB 7 bits are used for address decoding
during READ, WRITE and PRWRITE instructions. During these
three instructions (READ, WRITE and PRWRITE), the MSB is
“don’t care” (can be 0 or 1). During all other instructions (with the
exception of PRREAD), the MSB 2 bits are used to decode
instruction (along with Opcode bits, PRE and PE signals).
Data Field
This is a 16-bit field and should immediately follow the Address
bits. Only the WRITE and WRALL instructions require this field.
D15 (MSB) is clocked first and D0 (LSB) is clocked last (both
during writes as well as reads).
TABLE 1. Instruction set
Instruction
Start Bit
Opcode Field
Address Field
Data Field
PRE Pin
PE Pin
READ
1
10
X
A6
A5
A4
A3
A2
A1
A0
0
X
WEN
1
00
1
1
X
X
XXXX
0
1
WRITE
1
01
X
A6
A5
A4
A3
A2
A1
A0
D15-D0
0
1
WRALL
1
00
0
1
X
X
XXXX
D15-D0
0
1
WDS
1
00
0
0
X
X
XXXX
0
X
PRREAD
1
10
XXXX
XXXX
1
X
PREN
1
00
1
1
X
X
XXXX
1
1
PRCLEAR
1
11
11111111
1
1
PRWRITE
1
01
X
A6
A5
A4
A3
A2
A1
A0
1
1
PRDS
1
00
00000000
1
1


Similar Part No. - FM93CS56LVMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06E FAIRCHILD-FM93CS06E Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06V FAIRCHILD-FM93CS06V Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46E FAIRCHILD-FM93CS46E Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
More results

Similar Description - FM93CS56LVMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com