Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EG3B-VW0DD Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EG3B-VW0DD
Description  New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EG3B-VW0DD Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EG3B-VW0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-VW0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-VW0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-VW0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-VW0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-VW0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-VW0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-VW0DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-VW0DD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Refer to application note AN5334 for more information about soldering and handling of high brightness TH LED lamps.
Example of Wave Soldering Temperature Profile for TH LED
Ammo Packs Drawing
Note: The ammo-packs drawing is applicable for packaging option –DD & -ZZ and regardless standoff or non-standoff
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin flux
Solder bath temperature: 255
°C ± 5°C
(maximum peak temperature = 260
°C)
Dwell time: 3.0 sec - 5.0 sec
(maximum = 5sec)
Note: Allow for board to be sufficiently
cooled to room temperature before
exerting mechanical force.
60sec Max
TIME (sec)
260
°C Max
105
°C Max


Similar Part No. - HLMP-EG3B-VW0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG3B-WX0DV AVAGO-HLMP-EG3B-WX0DV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Broadcom Corporation.
HLMP-EG3B-WX0XX BOARDCOM-HLMP-EG3B-WX0XX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
More results

Similar Description - HLMP-EG3B-VW0DD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL UOT-MVL-5A4UYL Datasheet
38Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
logo
Unity Opto Technology
MVL-5A4SO UOT-MVL-5A4SO Datasheet
39Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com