Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA15BC0FP-E2 Datasheet(PDF) 1 Page - Rohm

Part # BA15BC0FP-E2
Description  1A Variable/Fixed Output LDO Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA15BC0FP-E2 Datasheet(HTML) 1 Page - Rohm

  BA15BC0FP-E2 Datasheet HTML 1Page - Rohm BA15BC0FP-E2 Datasheet HTML 2Page - Rohm BA15BC0FP-E2 Datasheet HTML 3Page - Rohm BA15BC0FP-E2 Datasheet HTML 4Page - Rohm BA15BC0FP-E2 Datasheet HTML 5Page - Rohm BA15BC0FP-E2 Datasheet HTML 6Page - Rohm BA15BC0FP-E2 Datasheet HTML 7Page - Rohm BA15BC0FP-E2 Datasheet HTML 8Page - Rohm BA15BC0FP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
1/16
TSZ02201-0R6R0A600120-1-2
TSZ22111・14・001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
26.Jun.2012 Rev.001
1A Variable/Fixed Output
LDO Regulators
BAxxBC0 Series(Fixed)
BAxxBC0W Series(Fixed)
BA00BC0WCP-V5(Variable)
●General Description
The BAxxBC0 are low-saturation regulators with an output current of 1.0 A and an output voltage accuracy of
±2%. A broad
output voltage range is offered, from 1.5V to 10V, and built-in overcurrent protection and thermal shutdown (TSD) circuits
prevent damage due to short-circuiting and overloading, respectively.
●Features
Output voltage accuracy:
±2%
Broad output range available: 1.5 V -10 V
(BAxxBC0 series)
Low saturation-voltage type with PNP output
Built-in overcurrent protection circuit
Built-in thermal shutdown circuit
Integrated shutdown switch (BAxxBC0WT,
BAxxBC0WT-5, or BAxxBC0WFP Series,
BA00BC0WCP-V5)
●Key Specifications
Input Power Supply Voltage:
16.0V(Max.)
Output voltage:(BA00BC0xx)
Variable
(BAxxBC0)
Fixed
Output current:
1A(Max.)
Shutdown current:
0
μA(Typ.)
Operating temperature range:
-40℃ to +105℃
●Applications
All electronic devices that use microcontrollers and
logic circuits
●Packages
W (Typ.) x D (Typ.) x H (Max.)
TO252-3
6.50mm x 9.50mm x 2.50mm
TO252-5
6.50mm x 9.50mm x 2.50mm
TO220CP-V5
10.00mm x 20.12mm x 4.60mm
TO220FP-3
10.00mm x 30.50mm x 4.60mm
TO220FP-5
10.00mm x 30.50mm x 4.60mm
TO220FP-5(V5)
10.00mm x 31.50mm x 8.15mm
●Lineup Matrix
Part Number
Output Voltage (V)
Package
1.5
1.8
2.5
3.0
3.3
5.0
6.0
7.0
8.0
9.0
10.0
Variable
BAxxBC0WT
TO220FP-5
BAxxBC0WT-V5
-
-
-
-
-
TO220FP-5 (V5)
BAxxBC0WFP
TO252-5
BAxxBC0T
-
TO220FP-3
BAxxBC0FP
-
TO252-3
BA00BC0WCP-V5
-
-
-
-
-
-
-
-
-
-
-
TO220CP-V5
TO220CP-V5
TO220FP-3
TO220FP-5
TO220FP-5 (V5)
TO252-3
TO252-5


Similar Part No. - BA15BC0FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15BC0FP-E2 ROHM-BA15BC0FP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BA15BC0FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com