Electronic Components Datasheet Search |
|
FM93CS56LZVMT8 Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
FM93CS56LZVMT8 Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 16 page 3 www.fairchildsemi.com FM93CS56 Rev. C.1 Absolute Maximum Ratings (Note 1) Ambient Storage Temperature -65 °C to +150°C All Input or Output Voltages +6.5V to -0.3V with Respect to Ground Lead Temperature (Soldering, 10 sec.) +300 °C ESD rating 2000V Operating Conditions Ambient Operating Temperature FM93CS56 0 °C to +70°C FM93CS56E -40 °C to +85°C FM93CS56V -40 °C to +125°C Power Supply (V CC) 4.5V to 5.5V DC and AC Electrical Characteristics V CC = 4.5V to 5.5V unless otherwise specified Symbol Parameter Conditions Min Max Units I CCA Operating Current CS = V IH, SK=1.0 MHz 1 mA ICCS Standby Current CS = VIL 50 µA I IL Input Leakage V IN = 0V to VCC ±-1 µA I OL Output Leakage (Note 2) VIL Input Low Voltage -0.1 0.8 V V IH Input High Voltage 2 V CC +1 V OL1 Output Low Voltage I OL = 2.1 mA 0.4 V V OH1 Output High Voltage I OH = -400 µA 2.4 VOL2 Output Low Voltage IOL = 10 µA 0.2 V V OH2 Output High Voltage I OH = -10 µAVCC - 0.2 f SK SK Clock Frequency (Note 3) 1 MHz tSKH SK High Time 0 °C to +70°C 250 ns -40 °C to +125°C 300 t SKL SK Low Time 250 ns t CS Minimum CS Low Time (Note 4) 250 ns tCSS CS Setup Time 50 ns t PRES PRE Setup Time 50 ns t DH DO Hold Time 70 ns t PES PE Setup Time 50 ns tDIS DI Setup Time 100 ns t CSH CS Hold Time 0 ns t PEH PE Hold Time 250 ns tPREH PRE Hold Time 50 ns tDIH DI Hold Time 20 ns t PD Output Delay 500 ns t SV CS to Status Valid 500 ns tDF CS to DO in Hi-Z CS = VIL 100 ns t WP Write Cycle Time 10 ms |
Similar Part No. - FM93CS56LZVMT8 |
|
Similar Description - FM93CS56LZVMT8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |