Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM93C56EMT8 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FM93C56EMT8
Description  (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C56EMT8 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FM93C56EMT8 Datasheet HTML 5Page - Fairchild Semiconductor FM93C56EMT8 Datasheet HTML 6Page - Fairchild Semiconductor FM93C56EMT8 Datasheet HTML 7Page - Fairchild Semiconductor FM93C56EMT8 Datasheet HTML 8Page - Fairchild Semiconductor FM93C56EMT8 Datasheet HTML 9Page - Fairchild Semiconductor FM93C56EMT8 Datasheet HTML 10Page - Fairchild Semiconductor FM93C56EMT8 Datasheet HTML 11Page - Fairchild Semiconductor FM93C56EMT8 Datasheet HTML 12Page - Fairchild Semiconductor FM93C56EMT8 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
www.fairchildsemi.com
FM93CS56 Rev. C.1
tCSS
SYNCHRONOUS DATA TIMING
CS
SK
PRE
PE
DI
DO (Data Read)
DO (Status Read)
Valid Status
tPRES
tPES
tDIS
tDIH
tPD
tDH
tSV
tSKH
tSKL
tCSH
tPREH
tPEH
tDF
tDF
tPD
Valid
Input
Valid
Input
Valid
Output
Valid
Output
CS
SK
DI
DO
High - Z
Dummy
Bit
1
1
0
A7
A6
A1
A0
PRE
0
D15
D1
D0
;;;;;;;;;;;;;;
;;;;;;;;;;;;;;
;;;;
;;;;
tCS
;;;
;;;
NORMAL READ CYCLE (READ)
Address
Bits(8)
Star t
Bit
Opcode
Bits(2)
93CS56:
Address bits patter n -> x-A6-A5-A4-A3-A2-A1-A0; (x -> Don't Care, can be 0 or 1); ( A6-A0 -> User defined )
PE
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
Timing Diagrams
CS
SK
DI
DO
High - Z
Dummy
Bit
Data(n)
1
1
0
A7
A0
PRE
0
D15
D0
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
D15
D0
D15
D0
;;;;
;;;;
tCS
;;;
;;;
SEQUENTIAL READ CYCLE (PRE = 0; PE = X)
Data(n+1)
Data(n+2)
Address
Bits(8)
Star t
Bit
Opcode
Bits(2)
93CS56:
Address bits patter n ->x-A6-A5-A4-A3-A2-A1-A0; (x -> Don't Care, can be 0 or 1); ( A6-A0 -> User defined )


Similar Part No. - FM93C56EMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C56E FAIRCHILD-FM93C56E Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Similar Description - FM93C56EMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com