Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5534MVM66 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5534MVM66
Description  MPC5534 Microcontroller Data Sheet
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534MVM66 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5534MVM66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Electrical Characteristics
MPC5534 Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
11
When powering down, VRC33 and VDDSYN have no delta requirement to each other, because the bypass
capacitors internal and external to the device are already charged. When not powering up or down, no delta
between VRC33 and VDDSYN is required for the VRC to operate within specification.
There are no power up/down sequencing requirements to prevent issues such as latch-up, excessive current
spikes, and so on. Therefore, the state of the I/O pins during power up and power down varies depending
on which supplies are powered.
Table 7 gives the pin state for the sequence cases for all pins with pad type pad_fc (fast type).
Table 8 gives the pin state for the sequence cases for all pins with pad type pad_mh (medium type) and
pad_sh (slow type).
The values in Table 7 and Table 8 do not include the effect of the weak-pull devices on the output pins
during power up.
Before exiting the internal POR state, the pins go to a high-impedance state until POR negates. When the
internal POR negates, the functional state of the signal during reset applies and the weak-pull devices
(up or down) are enabled as defined in the device reference manual. If VDD is too low to correctly
propagate the logic signals, the weak-pull devices can pull the signals to VDDE and VDDEH.
To avoid this condition, minimize the ramp time of the VDD supply to a time period less than the time
required to enable the external circuitry connected to the device outputs.
During initial power ramp-up, when vstby is 0.6v or above. a typical current of 1-3mA and maximum of
4mA may be seen until VDD is applied. This current will not reoccur until Vstby is lowered below Vstby
min specification.
Table 7. Pin Status for Fast Pads During the Power Sequence
VDDE
VDD33
VDD
POR
Pin Status for Fast Pad Output Driver
pad_fc (fast)
Low
Asserted
Low
VDDE
Low
Low
Asserted
High
VDDE
Low
VDD
Asserted
High
VDDE
VDD33
Low
Asserted
High impedance (Hi-Z)
VDDE
VDD33
VDD
Asserted
Hi-Z
VDDE
VDD33
VDD
Negated
Functional
Table 8. Pin Status for Medium and Slow Pads During the Power Sequence
VDDEH
VDD
POR
Pin Status for Medium and Slow Pad Output Driver
pad_mh (medium) pad_sh (slow)
Low
Asserted
Low
VDDEH
Low
Asserted
High impedance (Hi-Z)
VDDEH
VDD
Asserted
Hi-Z
VDDEH
VDD
Negated
Functional


Similar Part No. - MPC5534MVM66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5534MVM66 FREESCALE-MPC5534MVM66 Datasheet
1Mb / 50P
   Microcontroller
MPC5534MVM66R2 FREESCALE-MPC5534MVM66R2 Datasheet
1Mb / 50P
   Microcontroller
More results

Similar Description - MPC5534MVM66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
logo
Freescale Semiconductor...
MPC5674F FREESCALE-MPC5674F Datasheet
1Mb / 132P
   MPC5674F Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
   MPC5566 Microcontroller Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com