Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5206EPD Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCF5206EPD
Description  ColdFire Version 2 core, 32-bit data base
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5206EPD Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCF5206EPD Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
MCF5206e Integrated ColdFire® Microprocessor Product Brief
MOTOROLA
MCF5206e Overview
frequency, which is derived from the system clock. The programmable timer-output pin generates either an
active low-pulse or toggles the output.
1.1.10 Motorola Bus (M-Bus) Module
The M-Bus interface is a two-wire, bidirectional serial bus that exchanges data between devices and is
compatible with the I2C bus standard. The M-Bus minimizes the interconnection between devices in the end
system and is best suited for applications that need occasional bursts of rapid communication over short
distances among several devices. Bus capacitance and the number of unique addresses limit the maximum
communication length and the number of devices that can be connected.
1.1.11 System Interface
The MCF5206e processor provides a glueless interface to 8-, 16-, and 32-bit port size SRAM, ROM, and
peripheral devices with independent programmable control of the assertion and negation of chip-selects and
write-enables. Programmable address and data-hold times can be extended for a compatible interface to
external devices and memory. The MCF5206e also supports bursting ROMs.
1.1.11.1 External Bus Interface
The bus interface controller transfers information between the ColdFire core and memory, peripherals, or
other masters on the external bus. The external bus interface provides as much as 28 bits of address bus
space, a 32-bit data bus, and all associated control signals. This interface implements an extended
synchronous protocol that supports bursting operations. For nonsynchronous external memory and
peripherals, the MCF5206e processor provides an alternate asynchronous bus transfer acknowledgment
signal.
Simple two-wire request/acknowledge bus arbitration between the MCF5206e processor and another bus
master, such as the DMA device, is glueless with arbitration handled internal to the MCF5206e processor.
Alternately, an external bus arbiter can control more complex three-wire (request, grant, busy)
multiple-master bus arbitration, allowing overlapped bus arbitration with one clock-bus handovers.
1.1.11.2 Chip Selects
Eight programmable chip select outputs provide signals that enable external memory and peripheral circuits
for automatic wait-state insertion. These signals also interface to 8-, 16-, 32-bit ports. In addition, other
external bus masters can access chip selects. The other four chip-selects are multiplexed with A[27:24] of
the address bus and four write-enable signals. The base address, access permissions, and timing waveforms
are all programmable using configuration registers.
Except for fast page mode, all operations are available to other external bus masters. The DRAM controller
can generate RAS and CAS for an external master and can continue to generate refresh requests.
1.1.11.3 8-Bit Parallel Port Interface
An 8-bit general-purpose programmable parallel port serves as either an input or output on a bit-by-bit basis.
The parallel port is multiplexed with the PST[3:0] and DDATA[3:0] debug signals.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCF5206EPD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5206EPB FREESCALE-MCF5206EPB Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
MCF5206EPB/D FREESCALE-MCF5206EPB/D Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
More results

Similar Description - MCF5206EPD

ManufacturerPart #DatasheetDescription
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235_10 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com